Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL20C Datasheet(PDF) 1 Page - Artesyn Technologies

Part # SSL20C
Description  20W External AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SSL20C Datasheet(HTML) 1 Page - Artesyn Technologies

  SSL20C Datasheet HTML 1Page - Artesyn Technologies SSL20C Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EXTERNAL AC/DC POWER SUPPLIES
20W External AC/DC Power Supplies
1
2 YEAR WARRANTY
SSL20C Series
Single Output External P o wer Supply
• 4.65 x 2.40 x 1.08 inch enclosure
• 20W continuous external power supply
• Molded UL94V-0 plastic enclosure
• Overvoltage and short circuit protection
• EN55022, FCC conducted and radiated emissions level B
• UL, CSA, VDE and CE safety approvals
The SSL20C series is a 20W universal input AC/DC external Class II power supply in a
4.65 x 2.40 x 1.08 inch plastic enclosure. The SSL20C represents the next generation of
low cost external power supplies, suitable for a host of worldwide low power external
power applications. The SSL20C provides up to 20W under natural convection cooling.
Standard features include universal AC input, overvoltage and short circuit protection
and meets EN55022 level B for conducted emissions. The SSL20C has several output
voltages available ranging from 5V to 48V. The series has full international safety
approvals and carries the CE mark to provide pre-approved SELV outputs.
All specifications are typical at nominal input, full load at 25°C unless otherwise stated
OUTPUT SPECIFICATIONS
Total regulation
Main output
±5.0%
(See Note 3)
Line, load and
temperature co-efficient
Overshoot/undershoot
Less than 10ms
10%
Transient response
Main output
±5.0% of nominal
70% to 100%
voltage
full load step
Overvoltage protection
Auto-recovery
140% nominal
(See Note 5)
Short circuit protection
Continuous
with auto-recovery
Minimum output current
0A
INPUT SPECIFICATIONS
Input voltage range
Universal input
90 to 264VAC
Input frequency range
47Hz to 63Hz
Input current
90VAC
0.6Arms max.
264VAC
0.3Arms max.
EMC CHARACTERISTICS
Radiated emissions
EN55022, FCC
Level B
Conducted emissions
EN55022, FCC
Level B
SPECIFICATIONS
International Safety Standard Approvals
VDE0805/EN60950/IEC950 File No. 129739G
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062
geprüfte
Sicherhelt
GENERAL SPECIFICATIONS
Hold-up time
115VAC @ full load
10ms
Efficiency
115VAC @ full load
70% typ.
5V models only
65% typ.
Isolation voltage
Input/output
3000VAC
Switching frequency
Fixed
72kHz, Typ.
Approvals and
EN60950, IEC950, UL1950
standards (See Note 4)
CSA C22.2 No. 950
Case material
General Electric Lexan, black
Flammability rating
UL94V-0
Weight
200g (7oz)
MTBF
MIL-HDBK-217F
>150,000 hours
@ 25°C
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating, full load
0°C to +40°C
Non-operating
–40°C to +85°C
0°C to +40°C ambient,
Full load
convection cooled
Relative humidity
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non-operating
30,000 feet max.
Vibration (See Note 6)
5Hz to 500Hz
2.4G (approx.)
Shock
per MIL-STD-810E
516.4 Part IV
File Name: SSL20C.PDF Rev: 03 May 2002


Similar Part No. - SSL20C

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SSL20C EMERSON-NETWORKPOWER-SSL20C Datasheet
89Kb / 2P
EXTERNAL AC/DC POWER SUPPLIES 20 W External AC/DC Power Supplies
SSL20C-7605J EMERSON-NETWORKPOWER-SSL20C-7605J Datasheet
89Kb / 2P
EXTERNAL AC/DC POWER SUPPLIES 20 W External AC/DC Power Supplies
SSL20C-7612J EMERSON-NETWORKPOWER-SSL20C-7612J Datasheet
89Kb / 2P
EXTERNAL AC/DC POWER SUPPLIES 20 W External AC/DC Power Supplies
SSL20C-7615J EMERSON-NETWORKPOWER-SSL20C-7615J Datasheet
89Kb / 2P
EXTERNAL AC/DC POWER SUPPLIES 20 W External AC/DC Power Supplies
SSL20C-7617J EMERSON-NETWORKPOWER-SSL20C-7617J Datasheet
89Kb / 2P
EXTERNAL AC/DC POWER SUPPLIES 20 W External AC/DC Power Supplies
More results

Similar Description - SSL20C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SSL40C ARTESYN-SSL40C Datasheet
194Kb / 2P
40W External AC/DC Power Supplies
SSL20 ARTESYN-SSL20 Datasheet
79Kb / 2P
EXTERNAL AC/DC POWER SUPPLIES 15-20 W External AC/DC Power Supplies
SSL40 ARTESYN-SSL40 Datasheet
75Kb / 2P
EXTERNAL AC/DC POWER SUPPLIES 40 W External AC/DC Power Supplies
logo
Emerson Network Power
SSL20C EMERSON-NETWORKPOWER-SSL20C Datasheet
89Kb / 2P
EXTERNAL AC/DC POWER SUPPLIES 20 W External AC/DC Power Supplies
SSL40C EMERSON-NETWORKPOWER-SSL40C Datasheet
89Kb / 2P
EXTERNAL AC/DC POWER SUPPLIES 40 W External AC/DC Power Supplies
logo
MicroPower Direct, LLC
MPM-20S MPD-MPM-20S Datasheet
244Kb / 2P
Universal Input, 20W Miniature, PC Mount AC/DC Power Supplies
logo
TDK Electronics
DTM65-C TDK-DTM65-C Datasheet
244Kb / 2P
40W to 65W Medical AC-DC External Power Supplies
DT62 TDK-DT62 Datasheet
239Kb / 2P
62W to 80W AC-DC External Power Supplies
DT100 TDK-DT100 Datasheet
162Kb / 2P
100W to 150W AC-DC External Power Supplies
DTM165-C TDK-DTM165-C Datasheet
105Kb / 2P
160W to 165W Medical AC-DC External Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com