Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL20C Datasheet(PDF) 2 Page - Artesyn Technologies

Part # SSL20C
Description  20W External AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SSL20C Datasheet(HTML) 2 Page - Artesyn Technologies

  SSL20C Datasheet HTML 1Page - Artesyn Technologies SSL20C Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet © Artesyn Technologies® 2002
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
Notes
1
Peak output current lasting less than 3 seconds and non repetitive. During
peak loading output voltage may exceed total regulation limits.
2
20MHz bandwidth, peak to peak, measured using 0.1µF ceramic capacitor
in parallel with a 10µF tantalum capacitor at the point of output load.
3
Total regulation is defined as the static output regulation at 25°C, including
initial tolerance, line voltage within stated limits, load currents within stated
limits, and output voltages adjusted to their factory settings.
4
To maintain user-system safety approvals, the input power cable must be
appropriately rated and approved.
5
This feature protects output circuitry from output overvoltage caused by
internal PSU failure.
6
Three orthogonal axes random vibration, 10 minute test for each axis.
SSL20C Series
Single Output External P o wer Supply
EXTERNAL AC/DC POWER SUPPLIES
20W External AC/DC Power Supplies
2
www.artesyn.com
Cable Length
36.00
±0.79
[914.0
±20]
0.098
[2.50]
4.646
±0.02 [118.0 ±0.5]
All Dimensions in inches [mm]
1.083
+0.024
-0.000
27.5
+0.6
-0.0
2.5 mm Phone Jack
OUTPUT
OUTPUT CURRENTS
RIPPLE (2)
TOTAL
OVP
MODEL
VOLTAGE
MIN
MAX
PEAK (1)
REGULATION (3)
(MAX)
NUMBER
+5V
0A
4.0A
4.80A
50mV
4.75V to 5.25V
7V
SSL20C-7605
+12V
0A
1.67A
2.00A
120mV
11.4V to 12.6V
16.8V
SSL20C-7612
+15V
0A
1.34A
1.60A
150mV
14.25V to 15.75V
21V
SSL20C-7615
+18V
0A
1.11A
1.33A
180mV
17.1V to 18.9V
25.2V
SSL20C-7618
+24V
0A
0.83A
1.00A
240mV
22.8V to 25.2V
33.6V
SSL20C-7624
+48V
0A
0.42A
0.50A
300mV
45.6V to 50.4V
64V
SSL20C-7617
SINGLE OUTPUT PIN CONNECTIONS 2.5MM JACK PLUG
Inner
V
A
SWITCHCRAFT Power
Outer
Return
Jack, P/N 712A or equiv.
INPUT CONNECTOR
IEC 320
two pins
C8 type
Rated at 2.5A, 250VAC
File Name: SSL20C.PDF Rev: 03 May 2002



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com