Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL30 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # SIL30
Description  30A Non-Isolated DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL30 Datasheet(HTML) 1 Page - Artesyn Technologies

  SIL30 Datasheet HTML 1Page - Artesyn Technologies SIL30 Datasheet HTML 2Page - Artesyn Technologies SIL30 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC/DC CONVERTERS
30A Non-Isolated DC/DC Converters
1
2 YEAR WARRANTY
SIL30 Series
Single output
• Wide trim range (2.5V to 5.0V)
• Horizontal and vertical models available
• High power density design means reduced board space
requirement
• Remote sense
• Power good output signal (open collector)
• Operating ambient temperature up to +80ºC with
suitable derating and forced air cooling
• Remote ON/OFF (active high)
• Over-temperature protection
• Over-current and short-circuit protection
• Optional current share
The SIL30 Series is a new high density open-frame non-isolated converter for space
sensitive applications. The converter has a wide input range (10.2 to 13.8Vdc) and
offers a wide 2.5 to 5V output voltage range with a 30A load. The series offers remote
ON/OFF, over-temperature protection and over-current protection as standard. Its
current share facility supports parallel operation of multiple SIL30 units and the remote
sense feature enables the SIL30 compensate for voltage drops between the
converters output and the load. With full international safety approvals including
EN60950 and UL/cUL60950 the SIL30 reduces compliance costs and time to market.
NEW Product
All specifications are typical at nominal input, full load at 25°C unless otherwise stated
SPECIFICATIONS
OUTPUT SPECIFICATIONS
Voltage adjustability
(See Note 1)
2.5V to 5.0V
Output setpoint accuracy Using 1.0% trim resistors
±2.5%
Line regulation
Low line to high line
±0.2% max.
Load regulation
Full load to min. load
±1.0% max.
Min/max load
0A/30A
Overshoot
At turn-on
4.0% max.
Undershoot
At turn-off
100mV max.
Ripple and noise
(See Note 2)
50mV pk-pk
5Hz to 20MHz
15mV rms
Transient response
Deviation
75mV
(See Note 3)
150µs recovery to
within regulation band
Current share
Full load
±10%
INPUT SPECIFICATIONS
Input voltage range
Nominal 12V
10.2 to 13.8VDC
Input current
No load
230mA
Remote OFF
30mA
Input current (max.)
(See Note 4)
13.8A max. @ Io max.
and Vin = 10.8V
Input reflected ripple
(See Note 2)
150mA (pk-pk)
Remote ON/OFF
Logic compatibility
Logic high
ON
>2.4VDC
OFF
<0.8VDC
Start-up time
Power up
<6ms
(See Note 5)
Remote ON/OFF
<6ms
File Name: SIL30.PDF Rev: 19 Sept 2002
INPUT SPECIFICATIONS Contd.
Turn ON threshold
9.0V
Turn OFF threshold
8.3V
GENERAL SPECIFICATIONS
Efficiency
91%
Switching frequency
Fixed
300kHz
Approvals and
TÜV Product Service
standards (See Note 7)
IEC60950, UL/cUL60950
Material flammability
UL94V-0
Weight
28.3g (1oz)
MTBF
MIL-HDBK-217F
129,390 hours
Representative model:
12V model @ 40ºC
100% load, ground benign
Bellcore 332
3,994,753 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
0°C to +80°C
(See Note 8)
temperature
Non-operating
-40°C to +125°C
Altitude derating
3,000m (9,843 ft)
20%
(above sea level)
10,000m (32,808 ft)
50%


Similar Part No. - SIL30

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL30C ARTESYN-SIL30C Datasheet
132Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL30C EMERSON-NETWORKPOWER-SIL30C Datasheet
216Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SIL30C-00SADJ-HJ ARTESYN-SIL30C-00SADJ-HJ Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SIL30C-00SADJ-VJ ARTESYN-SIL30C-00SADJ-VJ Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SIL30C-12SADJ-H ARTESYN-SIL30C-12SADJ-H Datasheet
132Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
More results

Similar Description - SIL30

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NNL05 CANDD-NNL05_06 Datasheet
1Mb / 10P
Non-Isolated DC/DC Converters
logo
Bel Fuse Inc.
S7KS-25D BEL-S7KS-25D Datasheet
129Kb / 4P
NON-ISOLATED DC/DC CONVERTERS
SRBA-03E1AX BEL-SRBA-03E1AX Datasheet
219Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
SRBA-06A1AX BEL-SRBA-06A1AX_07 Datasheet
295Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRBA-06A1AX BEL-VRBA-06A1AX_07 Datasheet
248Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
VRBC-16A2AX BEL-VRBC-16A2AX_07 Datasheet
301Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRPB-15C BEL-VRPB-15C Datasheet
279Kb / 9P
NON-ISOLATED DC/DC CONVERTERS
VRPF-15B1AC BEL-VRPF-15B1AC Datasheet
242Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
XRAH-01K BEL-XRAH-01K Datasheet
193Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
XRAH-03L1A0 BEL-XRAH-03L1A0 Datasheet
184Kb / 7P
NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com