Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

350LAB622.080 Datasheet(PDF) 2 Page - CTS Corporation

Part # 350LAB622.080
Description  9x14mm Differential PECL High Frequency VCXO(416MHz to 832MHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

350LAB622.080 Datasheet(HTML) 2 Page - CTS Corporation

  350LAB622.080 Datasheet HTML 1Page - CTS Corporation 350LAB622.080 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Preliminary Specification
Model 350
9x14mm Differential PECL
High Frequency VCXO
(416MHz to 832MHz)
Storage Temperature:
-55
° to +125°C
Reflow Soldering:
will withstand 240
°C for 20 Seconds
Shock:
1500 G’s, 0.5 mSec. Pulse (3 Shocks/Axis)
Vibration:
10 G’s peak, 20 to 2000 Hz
Case:
High Temp. FR-4 Base
Environmental / Mechanical Specifications
♦♦♦ CTS Frequency Products ♦ 400 W. North Street ♦ Carlisle, PA 17013 ♦ 717-243-5929 ♦♦♦
Ordering Information
Model 350
-- ___.________ Example: 350LAA-622.080
350SBB-666.514
Supply Voltage
L = +3.3Vdc
S = +5.0Vdc
Operating Temp. Range
A = 0
° to +70°C
B = -40
° to +85°C
Frequency in MHz
Rev. 5
Option “A”
Enable Truth Table
Pin 2
Pins 4&5
PECL “0”
Disabled
PECL “1”
Enabled
Open
Disabled
Option “B”
Enable Truth Table
Pin 2
Pins 4&5
PECL “0”
Enabled
PECL “1”
Disabled
Open
Enabled
Truth Table Option
A = Enable High
B = Enable Low



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com