Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

350LAB622.080 Datasheet(PDF) 1 Page - CTS Corporation

Part # 350LAB622.080
Description  9x14mm Differential PECL High Frequency VCXO(416MHz to 832MHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

350LAB622.080 Datasheet(HTML) 1 Page - CTS Corporation

  350LAB622.080 Datasheet HTML 1Page - CTS Corporation 350LAB622.080 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Preliminary Specification
Electrical Characteristics
Parameter
Sym
Conditions
Min
Typical
Max
Unit
Power
Requirements
Power Supply
Vcc
± 5%
350L
± 5%
350S
3.135
4.75
3.30
5.0
3.465
5.25
Vdc
Vdc
Supply Current
Icc
Vcc=Max. (3.3Vdc)
50
Ω . Load (5.0Vdc)
55
80
mA
mA
Frequency
Stabilities
Center
Frequency
fnom
416
622.08
832
MHz
Initial Tolerance
fcal
Ta=+25
°C
EFC=Center(0.5Vcc)
-10
+10
ppm
Freq. vs. Temp.
∆f/∆Temp
Oper. Temp. Range
± 15
ppm
Freq. vs. Voltage
∆f/∆Vcc
Vcc
± 5%
± 1
ppm
Freq. vs. Load
∆f/∆RL
± 10% Variation
± 1
ppm
Freq. vs Time
(Aging)
∆f/∆Time
20 years
± 10
ppm
Deviation
Characteristics
Control Voltage
VC
3.3V “L”Version
5.0V “S”Version
0.15
0.5
3.15
4.5
V
V
Frequency
Deviation
∆f
+25
°C at time of
Shipment
± 125
ppm
Linearity
Lin
Best Staight Line Fit
-10
5
10
%
Absolute Pull
Range
APR
Under all conditions
for the life of the part
(Ref. to fnom)
± 85
ppm
Input Impedance
Zin
100
K
Ω
Waveform
Parameters
Symmetry
Sym
@ 50% Level
45
50
55
%
Amplitude
Vo
50
Ω Load
Vcc-1.62V
Vcc-1.025V
V
Rise/Fall Times
tr, tf
20% to 80%
225
350
pSec
Load
RL
Output to Vcc-2.0V
or Equivalent
50
Ω
Phase Jitter
12KHz to 20MHz or
50KHz to 80MHz
Bandwidth
<1
pSec RMS
Model 350
9x14mm Differential PECL
High Frequency VCXO
(416MHz to 832MHz)
♦ 9x14mm Surface Mount Pkg.
♦ Differential PECL Outputs
♦ Guaranteed Minimum Pull Range
♦ +3.3Vdc or +5.0Vdc Operation
♦ Sealed AT Strip Crystal
♦ Output Enable Function
♦ Low Phase Jitter: < 1.0 pSec RMS
♦ Excellent Solder Reflow Performance
♦♦♦ CTS Frequency Products ♦ 400 W. North Street ♦ Carlisle, PA 17013 ♦ 717-243-5929 ♦♦♦


Similar Part No. - 350LAB622.080

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
350LSQ1500M51X83 RUBYCON-350LSQ1500M51X83 Datasheet
64Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
350LSQ1800M51X98 RUBYCON-350LSQ1800M51X98 Datasheet
64Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
350LSQ2200M51X98 RUBYCON-350LSQ2200M51X98 Datasheet
64Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
350LSQ2700M64X99 RUBYCON-350LSQ2700M64X99 Datasheet
64Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
350LSQ3300M64X99 RUBYCON-350LSQ3300M64X99 Datasheet
64Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 350LAB622.080

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Golledge Electronics Lt...
GV93 GOLLEDGE-GV93 Datasheet
64Kb / 1P
HIGH FREQUENCY PECL VCXO
logo
Connor-Winfield Corpora...
PV51-150 CONNOR-WINFIELD-PV51-150 Datasheet
95Kb / 2P
DIFFERENTIAL OUTPUT 14 PIN PECL VCXO
PV52-120 CONNOR-WINFIELD-PV52-120 Datasheet
99Kb / 2P
DIFFERENTIAL OUTPUT 14 PIN PECL VCXO
PV54I-90 CONNOR-WINFIELD-PV54I-90 Datasheet
100Kb / 2P
DIFFERENTIAL OUTPUT 14 PIN PECL VCXO
PV54I-150 CONNOR-WINFIELD-PV54I-150 Datasheet
100Kb / 2P
DIFFERENTIAL OUTPUT 14 PIN PECL VCXO
PVL54I90 CONNOR-WINFIELD-PVL54I90 Datasheet
107Kb / 2P
3.3V PECL VCXO WITH DIFFERENTIAL OUTPUT
logo
Pletronics, Inc.
VPU7029036EG000050 PLETRONICS-VPU7029036EG000050 Datasheet
155Kb / 8P
High Frequency PECL VCXO
logo
Pericom Semiconductor C...
PR-3.3V PERICOM-PR-3.3V Datasheet
281Kb / 4P
3.3V PECL High Frequency VCXO
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_15 Datasheet
88Kb / 8P
TTL to Differential PECL and Differential PECL
August, 2015 ??Rev. 11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com