Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOAD347-RXC Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TOAD347-RXC
Description  Optical Communication Devices 2.5Gb/s Optical Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TOAD347-RXC Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TOAD347-RXC Datasheet HTML 1Page - Toshiba Semiconductor TOAD347-RXC Datasheet HTML 2Page - Toshiba Semiconductor TOAD347-RXC Datasheet HTML 3Page - Toshiba Semiconductor TOAD347-RXC Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TOAD347-RXB/TOAD347-RXC Series
ABSOLUTE MAXIMUM RATINGS (Tc = 25 ˚C)
DIMENSIONAL
Symbol
Item
Rating
Unit
Storage temperature
Tstg
−40 to +85
˚C
Operating case temperature
Tc
−40 to +85
˚C
APD forward current
If
1
mA
APD reverse current
Ir
500
µA
Positive supply voltage
Vdd
0 to +6
V
Soldering temperature / time
Tsol / tsol
260 / 5
˚C / s
Notes:
(1) 2.48832 Gb/s, NRZ, PRBS 231
−1, BER = 1 x 10−10, λ = 1.55 µm
(2) Pf =
−30 dBm, M = 12
(3) DATA OUT (+), Light ON = Vout Logic HIGH
DATA OUT (
−), Light ON = Vout Logic LOW
(4)
λ = 1.3/1.55 µm
(5)
−10 dBm > Pf > −30 dBm
(6) 0.13 GHz < F < 1.75 GHz
(7) 1.75 GHz < F < 2.5 GHz
(8) 3 k
Ω (typ.) available
Item
Min
Typ.
Max
Unit
Note
ELECTRICAL AND OPTICAL CHARACTERISTICS (Tc = –40 to +85 ˚C, Vdd = +3.3 V to +5 V)
Positive supply current
50
mA
Breakdown voltage (Id = 10
µA, Tc = 25˚C)
35
85
V
Dark current (M = 12, Tc = 25˚C)
40
100
nA
Sensitivity
−33
dBm
(1)
Overload
−8
dBm
(1)
Bandwidth (
−3 dB)
1.4
2.0
GHz
(2)
Logic sense
(3)
Skew, DATA OUT (+) to DATA OUT (
−)
−20
20
ps
Optical return loss
−27
dB
(4)
Output signal amplitude
15
500
mVpp
(5)
Electrical return loss
10
dB
(6)
9
dB
(7)
Thermistor resistance (TOAD347-RXC, Tc = 25˚C)
9.5
10.0
10.5
k
(8)
Pin Assignme
1
2
3
4
Vapd
GND
DATA OUT
GND
Pin
Fun
PRECAUTION
(a) Power supply
A surge-free
To avoid cau
before turnin
(b) The product



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com