Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOAD347-RXC Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TOAD347-RXC
Description  Optical Communication Devices 2.5Gb/s Optical Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TOAD347-RXC Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TOAD347-RXC Datasheet HTML 1Page - Toshiba Semiconductor TOAD347-RXC Datasheet HTML 2Page - Toshiba Semiconductor TOAD347-RXC Datasheet HTML 3Page - Toshiba Semiconductor TOAD347-RXC Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TOAD347-RXB/TOAD347-RXC Series
2.5 Gb/s Optical Receiver
Optical Communication Devices
September 2001
APPLICATION
SONET / SDH (OC-48 / STM-16) applications
FEATURES
APD and TIA
TOAD347-RXB: Mini-DIL package without thermistor
TOAD347-RXC: Mini-DIL package with thermistor
Differential data output
Single power supply voltage: +3.3 V to +5 V
Sensitivity: −33 dBm (Typ. @ BER = 1 x 10−10)
Overload: −8 dBm (Typ. @ BER = 1 x 10−10)
Operating case temperature range: −40 to +85 ˚C
Package size: 7.4 (W) x 13.2 (D) x 4.6 (H) mm


Similar Part No. - TOAD347-RXC

ManufacturerPart #DatasheetDescription
logo
AG Electronica
TOALLASHUMEDAS-10 AGELECTRONICA-TOALLASHUMEDAS-10 Datasheet
247Kb / 1P
TOALLITAS DESINFECTANTES CON ESTERILIZACIÓN DEL 99.99%
12/08/2020
logo
Mini-Circuits
TOAT-124 MINI-TOAT-124 Datasheet
190Kb / 2P
Digital Step Attenuator
TOAT-3610 MINI-TOAT-3610 Datasheet
89Kb / 2P
Digital Step Attenuator, 50ohm TTL Control, Pin Diode 10 to 1000 MHz
TOAT-4816 MINI-TOAT-4816 Datasheet
193Kb / 2P
Digital Step Attenuator
TOAT-51020 MINI-TOAT-51020 Datasheet
189Kb / 2P
Digital Step Attenuator
More results

Similar Description - TOAD347-RXC

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML0131 MITSUBISHI-ML0131 Datasheet
133Kb / 2P
FOR OPTICAL TRANSMITTER(2.5Gb/s LASER DRIVER)
logo
Hitachi Semiconductor
HA16852MP HITACHI-HA16852MP Datasheet
195Kb / 5P
Optical Communication Receiver/Amplifier
HA16853MP HITACHI-HA16853MP Datasheet
167Kb / 5P
Optical Communication Receiver/Amplifier
HA16856MP HITACHI-HA16856MP Datasheet
210Kb / 6P
Optical Communication Receiver/Amplifier
logo
Marktech Corporate
MTE0012-015-IR MARKTECH-MTE0012-015-IR Datasheet
1Mb / 2P
Optical communication
MTE0012-095-IR MARKTECH-MTE0012-095-IR Datasheet
1Mb / 2P
Optical communication
MTE0012-995-IR MARKTECH-MTE0012-995-IR Datasheet
1Mb / 2P
Optical communication
MTE0013-995-IR MARKTECH-MTE0013-995-IR Datasheet
1Mb / 2P
Optical communication
MTE2017-015-IR MARKTECH-MTE2017-015-IR Datasheet
1Mb / 2P
Optical communication
MTE5014-015-IR MARKTECH-MTE5014-015-IR Datasheet
1Mb / 2P
Optical communication
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com