Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1712ST Datasheet(PDF) 15 Page - Galaxy Power, Inc.

Part # ICS1712ST
Description  Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

ICS1712ST Datasheet(HTML) 15 Page - Galaxy Power, Inc.

Back Button ICS1712ST Datasheet HTML 11Page - Galaxy Power, Inc. ICS1712ST Datasheet HTML 12Page - Galaxy Power, Inc. ICS1712ST Datasheet HTML 13Page - Galaxy Power, Inc. ICS1712ST Datasheet HTML 14Page - Galaxy Power, Inc. ICS1712ST Datasheet HTML 15Page - Galaxy Power, Inc. ICS1712ST Datasheet HTML 16Page - Galaxy Power, Inc. ICS1712ST Datasheet HTML 17Page - Galaxy Power, Inc. ICS1712ST Datasheet HTML 18Page - Galaxy Power, Inc. ICS1712ST Datasheet HTML 19Page - Galaxy Power, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
15
ICS1712
•Using no temperature sensor:
If a temperature sensor is not used, the THERM pin must be
grounded.
Termination Selection: DTSEL Pin
The ICS1712 has the capability of either temperature slope
termination,
voltage
slope
termination
or
both
methods
simultaneously. The DTSEL pin has an internal 75k
Ω pull-down
resistor that enables voltage slope termination as the primary
method and is the default condition. Tying the pin high enables
both temperature slope and voltage slope termination methods.
Temperature slope termination as the primary method is enabled by
tying the DTSEL pin to the CMN output (pin 4). CMN must have
an external 15k
Ω or lower value pull-up resistor to V
DD
for proper
activation of temperature slope termination. The ICS1702 must be
reset if a new termination method is desired. Table 6 summarizes
the DTSEL pin settings. NOTE: Maximum temperature and fast
charge timer termination methods are always enabled when using
temperature slope termination. Refer to the sections on Fast
Charge
Timer
Termination
and
Maximum
Temperature
Termination for more information.
Table 6: Termination Select List
Tie DTSEL
Pin to ...
Result
Low
(No Connect)
Voltage slope termination only
High
Voltage slope and temperature slope
termination
CMN
Temperature slope termination only
(CMN with external pull-up to VDD)
Voltage Input: VIN Pin
The battery voltage must be normalized by an external resistor
divider network to one cell. The electrochemical potential of one
cell is about 1.2V. For example, if the battery consists of six cells
in series, the voltage at the VIN pin must be equal to the total
battery voltage divided by six. This can be accomplished with two
resistors, as shown in Figure 13. To determine the correct resistor
values, count the number of cells to be charged in series. Then
choose either R1 or R2 and solve for the other resistor using:
R1 = R2 * (# of cells -1) or R2 =
R1
(# of cells -1)
Figure 13: Resistor divider network
at the VIN pin
Power: VDD Pin
The power supply for the device must be connected to the VDD
pin. The voltage should be +5 VDC and should be supplied to the
part through a regulator that has good noise rejection and an
adequate current rating. The controller requires up to a maximum
of 11mA with VDD=5.00V.
Grounding: VSS, AVSS Pins
There are two ground pins. Both pins must be connected together
at the device. This point must have a direct connection to a solid
ground plane.
R1
R2
VIN pin
# of cells



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com