Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1712ST Datasheet(PDF) 21 Page - Galaxy Power, Inc.

Part # ICS1712ST
Description  Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

ICS1712ST Datasheet(HTML) 21 Page - Galaxy Power, Inc.

Back Button ICS1712ST Datasheet HTML 17Page - Galaxy Power, Inc. ICS1712ST Datasheet HTML 18Page - Galaxy Power, Inc. ICS1712ST Datasheet HTML 19Page - Galaxy Power, Inc. ICS1712ST Datasheet HTML 20Page - Galaxy Power, Inc. ICS1712ST Datasheet HTML 21Page - Galaxy Power, Inc. ICS1712ST Datasheet HTML 22Page - Galaxy Power, Inc. ICS1712ST Datasheet HTML 23Page - Galaxy Power, Inc. ICS1712ST Datasheet HTML 24Page - Galaxy Power, Inc. ICS1712ST Datasheet HTML 25Page - Galaxy Power, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
ICS1712
Figure 14: Functional Diagram
+ 5 V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
ICS1712
CHG
DCHG
PFN
CMN
OTN
SEL0
VSS
AVSS
SEL1
MRN
RC
DTSEL
THERM
VIN
VDD
CONSTANT
CURRENT
SOURCE
V
in
+ 5 V (note 5)
4.7µF
.047µF
.047µF
10k
@ 25°C
open
@ 45°C
+ 5 V
R1
R2
R3 (note 1)
27k (note 4)
100pF
16k
Q1 (note 2)
1k
(note 3)
390
FAULT
CHG
TEMP
Ω
Notes:
1) Value of R3 determined by discharge current and capacity of battery pack.
2) Discharge FET is logic-level compatible in this application.
3) DC return of discharge FET must be connected close to negative battery terminal.
4) Resistor is needed only if a thermistor is used. Value may change depending on thermistor.
5) Regulated supply
6) Power ground; others are signal ground. Connect signal ground to power ground
at negative battery terminal only.
(note 6)
temperature
sense
options
unused
+ 5 V
+ 5 V
390



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com