Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F322 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74F322
Description  8-bit serial/parallel register with sign extend 3-State
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F322 Datasheet(HTML) 1 Page - NXP Semiconductors

  74F322 Datasheet HTML 1Page - NXP Semiconductors 74F322 Datasheet HTML 2Page - NXP Semiconductors 74F322 Datasheet HTML 3Page - NXP Semiconductors 74F322 Datasheet HTML 4Page - NXP Semiconductors 74F322 Datasheet HTML 5Page - NXP Semiconductors 74F322 Datasheet HTML 6Page - NXP Semiconductors 74F322 Datasheet HTML 7Page - NXP Semiconductors 74F322 Datasheet HTML 8Page - NXP Semiconductors 74F322 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Philips Semiconductors
Product specification
74F322
8-bit serial/parallel register with sign extend (3-State)
1
1988 Apr 22
853-0366 93020
FEATURES
• Multiplexed parallel I/O ports
• Separate serial input and output
• Sign extend function
• 3-State outputs for bus applications
• Direct Overriding Clear
DESCRIPTION
The 74F322 is an 8-bit shift register with provision for either serial or
parallel loading and with 3-State parallel outputs plus a bi-state
serial output. Parallel data inputs and outputs are multiplexed to
minimize pin count. State changes are initiated by the rising edge of
the clock. Four synchronous modes of operation are possible: hold
(store), shift right with serial entry, shift right with sign extend, and
parallel load. An asynchronous Master Reset (MR) input overrides
clocked operation and clears the registers.
The 74F322 contains eight D-type edge triggered flip-flops and the
interstage gating required to perform right shift and the intrastage
gating necessary for hold and synchronous parallel load operations.
A Low signal on RE enables shifting or parallel loading, while a High
signal enables the hold mode. A High signal on S/P enables shift
right, while a Low signal disables the 3-State output buffers and
enables parallel loading. In the shift right mode a High signal on SE
enables serial entry from either D0 or D1, as determined by the S
input. A Low signal on SE enables shift right, but Q7 reloads its
contents, thus performing the sign extend function. A High signal on
OE disables the 3-State output buffers, regardless of the other
control inputs. In this condition the shifting and loading operations
can still be performed.
PIN CONFIGURATION
20
19
18
17
16
15
14
13
12
10
11
9
8
7
6
5
4
3
2
1
VCC
S
SE
D1
I/O7
I/O5
I/O3
I/O1
CP
RE
I/O6
I/O4
I/O2
I/O0
OE
S/P
D0
MR
GND
Q7
SF00874
TYPE
TYPICAL fMAX
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F322
125MHz
60mA
ORDERING INFORMATION
DESCRIPTION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%, Tamb = 0°C to +70°C
20-pin plastic DIP
N74F322N
20-pin plastic SOL
N74F322D
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F(U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
D0, D1
Serial data inputs
1.0/1.0
20
µA/0.6mA
S
Serial data select input
1.0/2.0
20
µA/1.2mA
SE
Sign Extend input
1.0/3.0
20
µA/1.8mA
CP
Clock Pulse input (Active rising edge)
1.0/1.0
20
µA/0.6mA
S/P
Serial (High) or Parallel (Low) mode control input
1.0/1.0
20
µA/0.6mA
RE
Register Enable input (Active Low)
1.0/1.0
20
µA/0.6mA
MR
Asynchronous Master Reset input (Active Low)
1.0/1.0
20
µA/0.6mA
OE
Output Enable input (Active Low)
1.0/1.0
20
µA/0.6mA
Q7
Bi-state serial output
50/33
1.0mA/20mA
I/On
Multiplexed parallel data inputs or
3.5/1.0
70
µA/0.6mA
I/On
3-State parallel outputs
150/40
3.0mA/24mA
NOTE: One (1.0) FAST Unit Load (U.L.) is defined as: 20
µA in the High State and 0.6mA in the Low state.


Similar Part No. - 74F322

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F322 NSC-74F322 Datasheet
178Kb / 10P
Octal Serial/Parallel Register with Sign Extend
logo
Fairchild Semiconductor
74F322 FAIRCHILD-74F322 Datasheet
53Kb / 6P
Octal Serial/Parallel Register with Sign Extend
logo
National Semiconductor ...
74F322PC NSC-74F322PC Datasheet
178Kb / 10P
Octal Serial/Parallel Register with Sign Extend
logo
Fairchild Semiconductor
74F322PC FAIRCHILD-74F322PC Datasheet
53Kb / 6P
Octal Serial/Parallel Register with Sign Extend
logo
National Semiconductor ...
74F322SJ NSC-74F322SJ Datasheet
178Kb / 10P
Octal Serial/Parallel Register with Sign Extend
More results

Similar Description - 74F322

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS322A MOTOROLA-SN54LS322A Datasheet
113Kb / 4P
8-BIT SHIFT REGISTERS WITH SIGN EXTEND
logo
National Semiconductor ...
54F322DM NSC-54F322DM Datasheet
178Kb / 10P
Octal Serial/Parallel Register with Sign Extend
logo
ON Semiconductor
MC74HC589A ONSEMI-MC74HC589A Datasheet
240Kb / 12P
8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
March, 2000 ??Rev. 1
logo
Fairchild Semiconductor
74F322 FAIRCHILD-74F322 Datasheet
53Kb / 6P
Octal Serial/Parallel Register with Sign Extend
logo
Hitachi Semiconductor
HD74HC589 HITACHI-HD74HC589 Datasheet
55Kb / 10P
8-bit Serial of Parallel-input/Serial-output Shift Register(with 3-state outputs)
logo
Renesas Technology Corp
HD74HC589 RENESAS-HD74HC589 Datasheet
198Kb / 9P
8-bit Serial or Parallel-input/Serial-output Shift Register (with 3-state outputs)
logo
NXP Semiconductors
74LVC595A NXP-74LVC595A Datasheet
119Kb / 19P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 01-29 May 2007
logo
Texas Instruments
SN74LS322A TI1-SN74LS322A Datasheet
235Kb / 6P
8-BIT SHIFT REGISTERS WITH SIGN EXTEND
logo
ON Semiconductor
MC74HC589A ONSEMI-MC74HC589A_14 Datasheet
142Kb / 12P
8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
August, 2014 ??Rev. 7
logo
Nexperia B.V. All right...
74LV595 NEXPERIA-74LV595 Datasheet
279Kb / 17P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 5 - 29 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com