Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F322 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F322
Description  8-bit serial/parallel register with sign extend 3-State
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F322 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F322 Datasheet HTML 1Page - NXP Semiconductors 74F322 Datasheet HTML 2Page - NXP Semiconductors 74F322 Datasheet HTML 3Page - NXP Semiconductors 74F322 Datasheet HTML 4Page - NXP Semiconductors 74F322 Datasheet HTML 5Page - NXP Semiconductors 74F322 Datasheet HTML 6Page - NXP Semiconductors 74F322 Datasheet HTML 7Page - NXP Semiconductors 74F322 Datasheet HTML 8Page - NXP Semiconductors 74F322 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Philips Semiconductors
Product specification
74F322
8-bit serial/parallel register with sign extend (3-State)
1988 Apr 22
2
LOGIC SYMBOL
3
17
4
16
5
15
6
14
7
13
19
1
2
18
11
8
Q7
D0
D1
I/O0
I/O2
I/O4
I/O6
I/O1
I/O3
I/O5
I/O7
S
RE
S/P
CP
OE
SE
VCC = Pin 20
GND = Pin 10
12
SF00875
9
MR
LOGIC SYMBOL (IEEE/IEC)
SF00876
2EN15
C6/1
→
9
R
18
16
5
15
6
14
1
11
12
SRG8
G4
8
2
8, 4, 1, 6D
19
2, 6D
12, 13
7
13
Z7
Z14
G3
3M1[SHIFT]
3M2[PAR LOAD]
2, 96D
8, 15
Z8
G5
8, 5, 1, 6D
8, 4, 1, 6D
2, 6D
7, 15
4
3
17
FUNCTION TABLE
INPUTS
INPUTS
OPERATING
MODE
MR
RE
S/P
SE
S
OE*
CP
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
Q7
OPERATING
MODE
L
L
H
X
X
H
X
X
X
X
L
L
X
X
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
Clear
H
L
L
X
X
X
↑
I0
I1
I2
I3
I4
I5
I6
I7
I7
Parallel load
H
H
L
L
H
H
H
H
L
H
L
L
↑
↑
D0
D1
O0
O0
O1
O1
O2
O2
O3
O3
O4
O4
O5
O5
O6
O6
O6
O6
Shift right
H
L
H
L
X
L
↑
O0
O0
O1
O2
O3
O4
O5
O6
O6
Sign extend
H
H
X
X
X
L
X
NC
NC
NC
NC
NC
NC
NC
NC
NC
Hold
X
X
L
X
L
X
X
X
X
X
X
H
X
↑
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
NC
NC
3-State
*
= When the input is High, all I/O terminals are at the high impedance state, sequential operation or clearing of the register is not
affected.
H
= High voltage level
L
= Low voltage level
NC
= No change
X
= Don’t care
Z
= High impedance “off” state
↑
= Low-to-High clock transition
I0–I7
= The level of the steady state input at the respective I/O terminal is loaded into the flip-flop while the flip-flop outputs (except Q7) are
isolated from the I/O terminal.
D0–D7 = The level of the steady state inputs to the serial multiplexer input.
O0–O7 = The level of the respective Qn flip-flop prior to the last clock Low-to-High transition.
↑
= Not a Low-to-High clock transition



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com