Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D45VH10 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # D45VH10
Description  isc Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

D45VH10 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  D45VH10 Datasheet HTML 1Page - Inchange Semiconductor Company Limited D45VH10 Datasheet HTML 2Page - Inchange Semiconductor Company Limited D45VH10 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2022-12-09
2
isc Silicon PNP Power Transistors
D45VH10
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VEBO
Emitter-Base Breakdown Voltage
IE= -1mA; IC= 0
-7
-
V
VCEO
Collector-Emitter Breakdown Voltage
IC= -10mA;IB= 0
-80
-
V
VCBO
Collector-Base Breakdown Voltage
IC= -1mA;IB= 0
-100
-
V
ICEO
Collector-Emitter Cutoff Current
VCE= -80V;IB= 0
-
1
mA
ICBO
Collector-Base Cutoff Current
VCE= -100V;IB= 0
-
0.1
mA
IEBO
Emitter Cutoff Current
VEB= -7V;IC= 0
-
-10
μ
A
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -8A ;IB= -0.8 A
-
-1.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= -8A;IB= -0.8 A
-
-1.2
V
hFE-1
DC Current Gain
IC= -2A; VCE= -1V
35
-
-
hFE-2
DC Current Gain
IC= -4A ; VCE= -1V
20
-
-
·
Power and temperature curve



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com