Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D45VH10 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # D45VH10
Description  isc Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

D45VH10 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  D45VH10 Datasheet HTML 1Page - Inchange Semiconductor Company Limited D45VH10 Datasheet HTML 2Page - Inchange Semiconductor Company Limited D45VH10 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2022-12-09
1
isc Silicon PNP Power Transistors
D45VH10
DESCRIPTION
·
Low Collector-Emitter Saturation Voltage
: VCE(sat)= -1.0V(Max)@ IC = -8A
·
Fast Switching Speeds
·
Complement to Type D44VH10
·
Minimum Lot-to-Lot variations for robust device performance
and reliable operation
APPLICATIONS
·
Designed for general purpose power amplification and
switching such as output or driver stages in applications
such as switching regulators,converters and power amplifier.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCEO
Collector-Emitter Voltage
-80
V
VCBO
Collector-Base Voltage
-100
V
VEBO
Emitter-Base Voltage
-7.0
V
IC
Collector Current-Continuous
-15
A
PC
Collector Power Dissipation
@TC=25℃
83
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.5
℃
/W


Similar Part No. - D45VH10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
D45VH10 ONSEMI-D45VH10 Datasheet
90Kb / 5P
Complementary Silicon Power Transistors
November, 2007 - Rev. 5
logo
New Jersey Semi-Conduct...
D45VH10 NJSEMI-D45VH10 Datasheet
852Kb / 3P
Complementary Silicon Power Transistors
D45VH10 NJSEMI-D45VH10 Datasheet
852Kb / 3P
Complementary Silicon Power Transistors
D45VH10 NJSEMI-D45VH10 Datasheet
78Kb / 2P
Silicon PNP Power Transistors
logo
Powerex Power Semicondu...
D45VH10 POWEREX-D45VH10 Datasheet
263Kb / 7P
Gate Driver
More results

Similar Description - D45VH10

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT82F ISC-BDT82F Datasheet
111Kb / 2P
isc Silicon PNP Power Transistors
2N5737 ISC-2N5737 Datasheet
40Kb / 2P
isc Silicon PNP Power Transistors
2SB551 ISC-2SB551 Datasheet
302Kb / 2P
isc Silicon PNP Power Transistors
2SB656 ISC-2SB656 Datasheet
226Kb / 2P
isc Silicon PNP Power Transistors
2SB696 ISC-2SB696 Datasheet
222Kb / 2P
isc Silicon PNP Power Transistors
MJF45H11 ISC-MJF45H11 Datasheet
76Kb / 2P
isc Silicon PNP Power Transistors
TIP32E ISC-TIP32E Datasheet
248Kb / 2P
isc Silicon PNP Power Transistors
TIP30D ISC-TIP30D Datasheet
149Kb / 2P
isc Silicon PNP Power Transistors
TIP42C-220 ISC-TIP42C-220 Datasheet
145Kb / 2P
isc Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com