Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLS245 Datasheet(PDF) 2 Page - Weitron Technology

Part # RLS245
Description  Surface Mount High-Voltage Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

RLS245 Datasheet(HTML) 2 Page - Weitron Technology

  RLS245 Datasheet HTML 1Page - Weitron Technology RLS245 Datasheet HTML 2Page - Weitron Technology RLS245 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Ratings ( TA=25 C Unless otherwise noted)
Characteristic
Peak Reverse Voltage
Symbol
VRM
I
RLS245
Unit
V
V
T J TS TG
-65 to +175
Electrical Characteristics (TA=25 C Unless otherwise noted)
Characteristic
Symbol
Min
Max
Typ
Unit
V
RLS245
Reverse Recovery Time
IR
IF=200 mA
VF
IO
A
m
W
m
K/W
C
Forward Voltage
C
PF
WEITRON
http//www.weitron.com.tw
R JA
DC Reverse Voltage
Mean Rectifying Current
Non-Repetitive Peak Forward
Power Dissipation
Thermal Resistance Junction to Ambient
Operating and Strorage Temperature Range
VR
Pd
,
250
220
200
1
300
(1)
500
Diode Capacitance
Reverse Current
VR=220V
VR=0, f=1MHz
IF= IR=20mA, RL=50
Trr
1.13
0.05
1.5
10
3
75
uA
nS
-
-
-
-
-
-
A
D
θ
@ t=1s
FSM
Note:
1. Part Mounted on 50mm 50mm 1.6mm PC Board.
I
I
Surge Current



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com