Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLS245 Datasheet(PDF) 3 Page - Weitron Technology

Part # RLS245
Description  Surface Mount High-Voltage Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

RLS245 Datasheet(HTML) 3 Page - Weitron Technology

  RLS245 Datasheet HTML 1Page - Weitron Technology RLS245 Datasheet HTML 2Page - Weitron Technology RLS245 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WEITRON
http//www.weitron.com.tw
RLS245
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
0.2
0.5
1
2
5
10
20
50
100
200
F OR WAR D V OLT AG E : V F (V )
FIG. 2 Forward Characteristics
R E VE R S E VOLTAG E : VR (V)
FIG. 3 Reverse Characteristics
0
100ûC
75ûC
50ûC
Ta=25ûC
50
100
150
200
250
300
350
10n
100n
1
10
1.1
1.0
0.9
0.8
0.7
0.6
0
1
2
3
4
5
R E VE R S E VOLT AG E : VR (V)
FIG. 4 Capacitance Between
Terminals Characteristics
0
IR =10mA
140
120
100
80
60
40
20
0
5
10
15
20
25
30
35
Irr=1mA
F OR WAR D C UR R E NT : IF (mA)
FIG. 5 Reverse Recovery Time
Characteristics
FIG.6 Surge Current Characteristics
14
12
10
8
6
4
2
0
1
10
100
1000
P ULS E WIDT H : T w (ms)
P ULS E G E NE R ATOR
OUTP UT 50
S AMP LING
OS C ILLOS C OP E
50
Ω
0.01 uF
D.U.T.
5k
Ω
FIG.1 Reverse Recovery Time (trr) Measurement Circuit



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com