Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4331CUFDTRPBF Datasheet(PDF) 22 Page - Analog Devices

Part # LTC4331CUFDTRPBF
Description  I2C Slave Device Extender Over Rugged Differential Link
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331CUFDTRPBF Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC4331CUFDTRPBF Datasheet HTML 18Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 19Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 20Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 21Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 22Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 23Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 24Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 25Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
LTC4331
22
Rev 0
For more information www.analog.com
on both sides of the link. For transformer applications,
series resistors must be added to the A and B pins on
each side of the link. Use resistor values from 25 to
50. See Figure21.
Table6. Typical Resistor Values for Transformer Applications
VCC (V)
RB ()
RS ()
RT2 ()
3.3
200
25
110
5.0
270
50
110
For capacitive isolation, select RB such that 200 ≤ RB ≤
320 . C = 1F rated capacitors support all SPEED INDEX
values. Smaller value capacitors can be used if the appli-
cation only utilizes higher SPEED INDEX values. Ensure
the capacitors’ working voltages are much higher than the
expected ground offset voltage. See Figure25.
Multiple Local Extender Network
Multiple LTC4331 devices operating in slave device mode
can be connected to the same local SMBus network unlike
other extension solutions which typically restrict usage to
one extender device. This allows a star network of paral-
lel LTC4331 devices extending separate remote SMBus
networks.
LINK indicates when the remote system is ready. Optionally
RDY can also be monitored to determine when the local
side control interface is ready to access in the absence of
a link. See Figure23.
Multi-Tier Extender Network
The LTC4331 also supports chaining remote segments
into a single multi-tiered network. The maximum depth of
the I2C link network is limited only by the tTIMEOUT param-
eters of the I2C devices on the network. As the depth
increases, the clock-stretched low time of the devices
increases. No other I2C timing parameter is affected by
depth. See Figure24.
Auxiliary Protection for 5kV Surge, 5kV EFT, and 30kV
IEC ESD
An interface transceiver used in an industrial setting
may be exposed to extremely high levels of electrical
overstress due to phenomena such as lightning surge,
electrical fast transient (EFT) from switching high cur-
rent inductive loads, and electrostatic discharge (ESD)
from the discharge of electrically charged personnel or
equipment. The LTC4331 is designed for high robustness
against ESD, but the on-chip protection is not able to
absorb the energy associated with the 61000-4-5 surge
transients. Therefore, a properly designed external pro-
tection network is necessary to achieve a high level of
surge protection, and can also extend the ESD and EFT
performance of the LTC4331 to extremely high levels.
Refer to section Auxiliary Protection for IEC Surge,
EFT and ESD on page 17 of Analog Devices LTC2862A
Datasheet for a detailed description and diagram of the
external protection network.
The network provides the following protection:
• EC 61000-4-2 ESD Level 4: ±30kV contact, ±30kV air
(line to GND, direct discharge to bus pins with trans-
ceiver and protection circuit mounted on a ground
referenced test card per Figure 4 of the standard)
• IEC 61000-4-4 EFT Level 4: ±5kV (line to GND, 5kHz
repetition rate, 15ms burst duration, 60 second test
duration, discharge coupled to bus pins through
100pF capacitor per paragraph 7.3.2 of the standard)
• IEC 61000-4-5 Surge Level 4: ±5kV (line to GND,
line to line, 8/20µs waveform, each line coupled to
generator through 80 resistor per Figure 14 of the
standard)
Table7. Recommended Transformers
MANUFACTURER
PART NUMBER
ISOLATION VOLTAGE
CENTER TAP
CM CHOKE
SPEED INDEX SUPPORTED
Murata
78601/9JC
1kVRMS
No
No
ALL
Pulse
PE-68386NL
1500VRMS
No
No
3, 4, 5, 6, 7, 8
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com