Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4331CUFDTRPBF Datasheet(PDF) 1 Page - Analog Devices

Part # LTC4331CUFDTRPBF
Description  I2C Slave Device Extender Over Rugged Differential Link
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331CUFDTRPBF Datasheet(HTML) 1 Page - Analog Devices

  LTC4331CUFDTRPBF Datasheet HTML 1Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 2Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 3Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 4Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 5Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 6Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 7Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 8Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LTC4331
1
Rev 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
I2C Slave Device Extender
Over Rugged Differential Link
The LTC®4331 is a point-to-point SMBus compatible I2C
slave device extender designed for operation in high noise
industrial environments. Using a ±60V fault protected
differential transceiver, the LTC4331 can extend an I2C/
SMBus bus, including SMBALERT and a control signal,
over a single twisted pair differential link up to 1200m.
With an extended common mode operating range the
solution provides tolerance to large ground differences
between nodes. For EMI sensitive environments, a slew
rate control pin reduces the EMI emitted from the dif-
ferential link.
In addition, the LTC4331 can act as an I2C to I2C bridge
allowing independent bus frequencies between the local
and remote networks. The solution is completely trans-
parent to the master requiring no additional code in most
cases; however, a control interface is provided for addi-
tional configuration and fault monitoring.
A master controller fully supporting SCL clock-stretching
is strongly recommended.
Extended I2C Network Over 30m, 1MHz Fm+ SCL
APPLICATIONS
n
Up to 1MHz Serial Clock, Fast-mode Plus (Fm+)
n
Selectable Link Baud Rates Extend I2C Up to
1200m
n
Protected from Overvoltage Line Faults to ±60V
n
±40kV ESD on Link Pins
n
IEC Level 4 ESD ±8kV and EFT ±5kV on Link Pins
n
Extended Common Mode Range: ±15V
n
Remote Interrupt/SMBALERT and Control Signals
n
Low EMI Mode
n
SMBus 3.0 Compatible
n
I2C Idle Detection, and Stuck Bus Protection
n
I2C Device Address Sharing
n
3V to 5.5V Supply Voltage
n
1.62V to 5.5V Logic Supply
n
4mm × 5mm 20-Lead QFN package
n
Industrial Control and Sensors
n
Lighting and Sound System Control
All registered trademarks and trademarks are the property of their respective owners. Patent
Pending.
110
110
2.7k
2.7k
10k
1.5k
D1
1µF
1µF
4.7µF 4.7µF
2.7k
2.7k
10k
620
D2
GND1
GND2
V GROUND LOOP
≤15V PEAK
VL
SCL
SDA
ALERT
CTRL
REMOTE
LINK
5V
MCU_SDA
MCU_SCL
MCU_INT
MCU_CTRL
5V
LTC4331
VCC
5V
A
B
A1/2
SLO
SPEED1/2
VL
SCL
SDA
ALERT
CTRL
REMOTE
LINK
3.3V
REM_SDA
REM_SCL
REM_INT
REM_CTRL
3.3V
LTC4331
VCC
3.3V
A
B
SLO
SPEED1/2
5V
3.3V
30m CAT5
3.3V
620
620
620
620


Similar Part No. - LTC4331CUFDTRPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4331 AD-LTC4331 Datasheet
1Mb / 22P
I2C to CAN-Physical Transceiver
02/21-REV.A
LTC4331 AD-LTC4331 Datasheet
1Mb / 22P
I2C to CAN-Physical Transceiver
Rev. B
LTC4331 AD-LTC4331 Datasheet
1Mb / 22P
SPI Extender Over Rugged Differential Link
Rev. A
More results

Similar Description - LTC4331CUFDTRPBF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
82B715 PHILIPS-82B715 Datasheet
96Kb / 10P
I2C bus extender
1998 Jan 09
logo
Digital Core Design
DI2CS DCD-DI2CS Datasheet
140Kb / 4P
I2C Bus Interface - Slave
logo
NXP Semiconductors
P82B715 NXP-P82B715 Datasheet
155Kb / 23P
I2C-bus extender
Rev. 08-9 November 2009
logo
Texas Instruments
P82B715 TI-P82B715 Datasheet
642Kb / 17P
I2C BUS EXTENDER
logo
NXP Semiconductors
P82B715TD-T NXP-P82B715TD-T Datasheet
155Kb / 23P
I2C-bus extender
Rev. 08-9 November 2009
logo
Texas Instruments
P82B715 TI1-P82B715_16 Datasheet
896Kb / 22P
I2C Bus Extender
logo
Future Technology Devic...
FT201XQ-T FTDI-FT201XQ-T Datasheet
1Mb / 49P
USB I2C SLAVE IC
logo
Cypress Semiconductor
CY7C65221 CYPRESS-CY7C65221 Datasheet
534Kb / 24P
Dual I2C Slave Bridge
logo
Analog Devices
LTC4332 AD-LTC4332 Datasheet
432Kb / 20P
SPI Extender Over Rugged Differential Link
LTC4332 AD-LTC4332_V01 Datasheet
1Mb / 22P
SPI Extender Over Rugged Differential Link
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com