Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4331 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC4331
Description  I2C to CAN-Physical Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331 Datasheet(HTML) 4 Page - Analog Devices

  LTC4331 Datasheet HTML 1Page - Analog Devices LTC4331 Datasheet HTML 2Page - Analog Devices LTC4331 Datasheet HTML 3Page - Analog Devices LTC4331 Datasheet HTML 4Page - Analog Devices LTC4331 Datasheet HTML 5Page - Analog Devices LTC4331 Datasheet HTML 6Page - Analog Devices LTC4331 Datasheet HTML 7Page - Analog Devices LTC4331 Datasheet HTML 8Page - Analog Devices LTC4331 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LT3960
4
Rev. B
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CAN Receivers
VCM
Bus Common Mode Voltage =
(CANxH+CANxL)/2 for Data Reception
VCC = 3.3V
VCC = 5V
l
l
±25
±36
V
V
VTH+
Bus Input Differential Threshold Voltage
(Positive Going)
VCC = 3.3V, –25V ≤ VCM ≤ 25V
VCC = 5V, –36V ≤ VCM ≤ 36V
l
l
775
775
900
900
mV
mV
VTH–
Bus Input Differential Threshold Voltage
(Negative Going)
VCC = 3.3V, –25V ≤ VCM ≤ 25V
VCC = 5V, –36V ≤ VCM ≤ 36V
l
l
500
500
625
625
mV
mV
∆VTH
Bus Input Differential Hysteresis Voltage
VCC = 3.3V, –25V ≤ VCM ≤ 25V
VCC = 5V, –36V ≤ VCM ≤ 36V
150
150
mV
mV
RIN
Input Resistance (CANxH and CANxL)
SCL = SDA = VCC; RIN = ∆V/∆I; ∆I = ±20 µA
l
25
35.7
50
RID
Differential Input Resistance
SCL = SDA = VCC; RIN = ∆V/∆I; ∆I = ±20 µA
l
50
71.4
100
∆RIN
Input Resistance Matching
RIN (CANxH) to RIN (CANxL)
l
±3
%
CIH
Input Capacitance to GND (CANxH)
(Note 4)
32
pF
CIL
Input Capacitance to GND (CANxL)
(Note 4)
8
pF
CID
Differential Input Capacitance
(Note 4)
8.4
pF
IL
Bus Leakage Current (Power Off)
VCC = 0V, CANxH = CANxL = 5V
±10
µA
VCC = 0V, CANxH = CANxL = 5V, t < 150°C
l
±50
µA
I2C Port
VIL
SDA, SCL Input Low Voltage
l
0.4
V
VIH
SDA, SCL Input High Voltage
l
1.5
V
Ii
SDA, SCL Input Leakage Current
SDA = SCL = 0V to 5.5V
–50
50
nA
Vhys
SDA, SCL Input Hysteresis
l
0.05 • VCC
V
VOL1
SDA, SCL Output Low Voltage
ISDA = 3mA
l
0.4
V
tr
Clock/Data Rise Time
CB = Capacitance of One Bus Line (pF) (Note 5)
20 + 0.1CB
300
ns
tf
Clock/Data Fall Time
CB = Capacitance of One Bus Line (pF) (Note 5)
20 + 0.1CB
300
ns
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VCC = 3.3V, Figure 1 applies with RPU = 4.99k, RL = 60Ω,
EN/MODE = VCC, TYP values unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com