Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4331 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC4331
Description  I2C to CAN-Physical Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC4331 Datasheet HTML 13Page - Analog Devices LTC4331 Datasheet HTML 14Page - Analog Devices LTC4331 Datasheet HTML 15Page - Analog Devices LTC4331 Datasheet HTML 16Page - Analog Devices LTC4331 Datasheet HTML 17Page - Analog Devices LTC4331 Datasheet HTML 18Page - Analog Devices LTC4331 Datasheet HTML 19Page - Analog Devices LTC4331 Datasheet HTML 20Page - Analog Devices LTC4331 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LT3960
17
Rev. B
For more information www.analog.com
Passive Leakage on I2CAN Bus Pins
When the power supply is removed or the chip is in shut-
down, the I2CAN pins are in a high impedance state. The
I2CAN receiver inputs are isolated from the CANxH and
CANxL pins by FET switches which open in the absence
of power, preventing the resistor dividers on the receiver
inputs from loading the bus. The high impedance state
of I2CAN pins is maintained over a range determined by
the ESD protection of the pins, typically -0.3V to 7V. For
bus voltages outside this range, the current flowing into
the receiver is governed by the conduction voltages of
the ESD device and the 35.7k nominal I2CAN receiver
input resistance.
I2CAN Bus Termination
I2CAN buses must be terminated at the ends of each
twisted pair with a 120Ω resistor. Split termination is an
optional termination technique to reduce common mode
voltage perturbations that can produce EME. A split ter-
minator divides the single line-end termination resistor
(nominally 120Ω) into two series resistors of half the
value of the single termination resistor (Figure 10).
The center point of the two resistors is connected to a
4.7nF capacitor. Split termination suppresses common
mode voltage perturbations by providing a low impedance
load to common mode noise sources such as transmitter
noise or coupling to external noise sources. In the case
of single resistor termination, the only load on a com-
mon mode noise source is the parallel impedance of the
input resistors of the I2CAN transceivers on the bus. This
results in a common mode impedance of several kΩ for a
small network. The split termination, on the other hand,
provides a common mode load equal to the parallel resis-
tance of the two split termination resistors (30Ω). This
low common mode impedance results in a reduction of
the common mode noise voltage compared to the much
higher common mode impedance of the single resistor
termination. Figure 11 and Figure 12 compare the com-
mon mode noise of an application with and without split
cap termination.
Figure 10.
4.7nF
LT3960
CANxH
CANxL
CANxH BUS
CANxL BUS
60
60
LT3960
CANxH
CANxL
CANxH BUS
CANxL BUS
120
3960 F10
SPLIT TERMINATION
RESISTOR TERMINATION
Split Termination for Improved
Common Mode Behavior
Figure 11.
VCC = 3.3V
200ns/DIV
SDA
5V/DIV
CANSDAH
1V/DIV
CANSDAL
1V/DIV
CANSDA CM
50mV/DIV
3960 F11
I2CAN Common Mode Noise (4.7nF Split Cap)
Figure 12.
VCC = 3.3V
200ns/DIV
3960 F12
SDA
5V/DIV
CANSDAH
1V/DIV
CANSDAL
1V/DIV
CANSDA CM
500mV/DIV
I2CAN Common Mode Noise (No Split Cap)
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com