Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNL4020C Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VCNL4020C
Description  High Resolution Digital Biosensor for Wearable Applications With I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4020C Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button VCNL4020C Datasheet HTML 3Page - Vishay Siliconix VCNL4020C Datasheet HTML 4Page - Vishay Siliconix VCNL4020C Datasheet HTML 5Page - Vishay Siliconix VCNL4020C Datasheet HTML 6Page - Vishay Siliconix VCNL4020C Datasheet HTML 7Page - Vishay Siliconix VCNL4020C Datasheet HTML 8Page - Vishay Siliconix VCNL4020C Datasheet HTML 9Page - Vishay Siliconix VCNL4020C Datasheet HTML 10Page - Vishay Siliconix VCNL4020C Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
VCNL4020C
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 20-Mar-18
7
Document Number: 84350
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Register #1 Product ID Revision Register
Register address = 81h. This register contains information about product ID and product revision.
Register data value of current revision = 21h.
Register #2 Rate of Biosensor Measurement
Register address = 82h.
Note
• If self_timed measurement is running, any new value written in this register will not be taken over until the mode is actualy cycled.
Register #3 LED Current Setting for Biosensor Mode
Register address = 83h. This register is to set the LED current value for biosensor measurement.
The value is adjustable in steps of 10 mA from 0 mA to 200 mA.
This register also contains information about the used device fuse program ID.
TABLE 2 - PRODUCT ID REVISION REGISTER #1
Bit 7Bit 6Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
Product ID
Revision ID
Description
Product ID
Read only bits. Value = 2
Revision ID
Read only bits. Value = 1
TABLE 3 - BIOSENSOR RATE REGISTER #2
Bit 7Bit 6Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
n/a
Rate of biosensor Measurement (no. of
measurements per second)
Description
Biosensor rate
R/W bits.
000 - 1.95 measurements/s (DEFAULT)
001 - 3.90625 measurements/s
010 - 7.8125 measurements/s
011 - 16.625 measurements/s
100 - 31.25 measurements/s
101 - 62.5 measurements/s
110 - 125 measurements/s
111 - 250 measurements/s
TABLE 4 - LED CURRENT REGISTER #3
Bit 7Bit 6Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
Fuse prog ID
LED current value
Description
Fuse prog ID
Read only bits.
Information about fuse program revision used for initial setup/calibration of the device.
LED current value
R/W bits. LED current = Value (dec.) x 10 mA.
Valid Range = 0 to 20d. e.g. 0 = 0 mA, 1 = 10 mA, …., 20 = 200 mA (2 = 20 mA = DEFAULT)
LED Current is limited to 200 mA for values higher as 20d.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com