Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNL4020C Datasheet(PDF) 12 Page - Vishay Siliconix

Part # VCNL4020C
Description  High Resolution Digital Biosensor for Wearable Applications With I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4020C Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button VCNL4020C Datasheet HTML 8Page - Vishay Siliconix VCNL4020C Datasheet HTML 9Page - Vishay Siliconix VCNL4020C Datasheet HTML 10Page - Vishay Siliconix VCNL4020C Datasheet HTML 11Page - Vishay Siliconix VCNL4020C Datasheet HTML 12Page - Vishay Siliconix VCNL4020C Datasheet HTML 13Page - Vishay Siliconix VCNL4020C Datasheet HTML 14Page - Vishay Siliconix VCNL4020C Datasheet HTML 15Page - Vishay Siliconix VCNL4020C Datasheet HTML 16Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
VCNL4020C
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 20-Mar-18
12
Document Number: 84350
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Example: read register “Ambient Light Result Register” #5 and #6:
Addressing:command: 26h, 85h (VCNL4020C_I2C_Bus_Write_Adr., Ambient Light Result Register #5 [85])
Read register #5:command: 27h, data (VCNL4020C_I2C_Bus_Read_Adr., {High Byte Data of Ambient Light Result register #5
[85])}
Read register #6:command: 27h, data (VCNL4020C_I2C_Bus_Read_Adr., {Low Byte Data of Ambient Light Result register #6
[86])}
3.3 Continuous Conversion Mode in Ambient Light Measurement
In the following is a detail description of the function “continuous conversion” (bit 7 of register #4)
Standard mode (bit 7 of reg #4 = 0):
In standard mode the ambient light measurement is done during a fixed time frame of 100 ms. The single measurement itself
takes actually only appr. 300 μs.
The following figures show examples of this measurement timing in standard mode using averaging function 2 and 8 as
examples for illustration (possible values up to 128).
Fig. 15 - Ambient Light Measurement with Averaging = 2;
Final Measurement Result = Average of these 2 Measurements
Fig. 16 - Ambient Light Measurement with Averaging = 8;
Final Measurement Result = Average of these 8 Measurements
Note
•
≥ Independent of setting of averaging the result is available only after 100 ms.
Continuous conversion mode (bit 7 of register #4 = 1):
In continuous conversion mode the single measurements are done directly subsequent after each other.
See following examples in figure 17 and 18
Fig. 17 - Ambient Light Measurement with Averaging = 2;
using Continuous Conversion Mode
Fig. 18 - Ambient Light Measurement with Averaging = 8;
using Continuous Conversion Mode
50 ms
100 ms
Start
22315
12.5 ms
Start
100 ms
22316
460 μs
Start
1.5 ms
22317
460 μs
Start
4.2 ms
22318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com