Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA Datasheet(PDF) 2 Page - C&K Components

Part # SDA
Description  Low Profile DIP Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SDA Datasheet(HTML) 2 Page - C&K Components

  SDA Datasheet HTML 1Page - C&K Components SDA Datasheet HTML 2Page - C&K Components SDA Datasheet HTML 3Page - C&K Components SDA Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
H
H–10
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
PEELABLE
TAPE SEAL
.183
(4,65)
.100
(2,54)
.010
(0,25)
.024
(0,61)
.063
(1,60)
.316
(8,03)
.295
(7,49)
12345678
DIM 'A'
.051
(1,30)
.100 TYP.
(2,54)
.300 TYP.
(7,6)
Ø.031 TYP.
(0,8)
.106
(2,70)
TRAVEL
.138
(3,5)
Flush Actuator – With Top Tape, Thru-hole Terminals
SDA Series
Low Profile DIP Switches
SDA08H0B
NOTE: SDA 01 options are 4,25mm thick
12345678
DIM 'A'
.183
(4,65)
.106
(2,70)
.100
(2,54)
.010
(0,25)
.024
(0,61)
.051
(1,30)
.063
(1,60)
.316
(8,03)
.295
(7,49)
.100
(2,54)
TYP.
.300 TYP.
(7,6)
Ø.031
(0,8)
TYP.
TRAVEL
.238
(3,5)
Flush Actuator – No Tape, Thru-hole Terminals
SDA08H0BD
ROHS
NO.
QUANTITY
PART NUMBER
POS.
DIM. ‘A’
PER TUBE
SDA01H0BD
1
.178 (4,52)
100
SDA02H0BD
2
.278 (7,06)
60
SDA03H0BD
3
.378 (9,60)
45
SDA04H0BD
4
.476 (12,10)
35
SDA05H0BD
5
.578 (14,68)
30
SDA06H0BD
6
.676 (17,18)
25
SDA07H0BD
7
.778 (19,76)
20
SDA08H0BD
8
.876 (22,26)
20
SDA09H0BD
9
.978 (24,84)
15
SDA10H0BD
10
1.076 (27,34)
15
SDA12H0BD
12
1.279 (32,50)
14
Schematic
SPST
ROHS
NO.
QUANTITY
PART NUMBER
POS.
DIM. ‘A’
PER TUBE
SDA01H0B
1
.178 (4,52)
100
SDA02H0B
2
.278 (7,06)
60
SDA03H0B
3
.378 (9,60)
45
SDA04H0B
4
.476 (12,10)
35
SDA05H0B
5
.578 (14,68)
30
SDA06H0B
6
.676 (17,18)
25
SDA07H0B
7
.778 (19,76)
20
SDA08H0B
8
.876 (22,26)
20
SDA09H0B
9
.978 (24,84)
15
SDA10H0B
10
1.076 (27,34)
15
SDA12H0B
12
1.279 (32,50)
14
Schematic
SPST
NOTE: SDA 01 options are 4,25mm thick
28 may 18



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com