Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA Datasheet(PDF) 4 Page - C&K Components

Part # SDA
Description  Low Profile DIP Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SDA Datasheet(HTML) 4 Page - C&K Components

  SDA Datasheet HTML 1Page - C&K Components SDA Datasheet HTML 2Page - C&K Components SDA Datasheet HTML 3Page - C&K Components SDA Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
H
H–12
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
SDA Series
Low Profile DIP Switches
AA
AA
'W1'
10
16
'C'
'H'
MAX
3°
'B'
MAX
3°
0.4
'D'
2 TYP
4 TYP
1.5 TYP
'W1'
1.75
'C'
1.5 TYP
'B'
MAX
3°
0.4
2
13
21
100
330
3 TYP
'W2'
MODEL NO.
'S' OPTION
DIM. 'H'
(REF.)
DIM. 'W1'
(REF.)
DIM. 'W2'
(REF.)
DIM. 'B'
(REF.)
DIM. 'C'
(REF.)
DIM. 'D'
(REF.)
QUANTITY
PER REEL
SDA01
H0
5.2
24.0
24.4
8.5
11.5
N/A
1500
H1
5.8
1450
SDA02
H0
4.8
24.0
24.4
7.9
11.5
N/A
750
H1
5.8
700
SDA03
H0
4.8
24.0
24.4
10.4
11.5
N/A
750
H1
5.8
700
SDA04
H0
4.8
24.0
24.4
12.9
11.5
N/A
750
H1
5.8
700
SDA05
H0
4.8
24.0
24.4
15.4
11.5
N/A
750
H1
5.8
700
SDA06
H0
4.8
32.0
32.4
18.0
14.2
28.4
750
H1
5.8
700
SDA07
H0
4.8
32.0
32.4
20.5
14.2
28.4
750
H1
NOT CURRENTLY AVAILABLE IN TAPE AND REEL
SDA08
H0
4.8
44.0
44.4
22.7
20.2
40.4
750
H1
5.8
700
SDA09
H0
4.8
44.0
44.4
25.5
20.2
40.4
750
H1
5.8
700
SDA10
H0
4.8
44.0
44.0
28.1
20.2
40.4
750
H1
5.8
700
SDA12
H0
4.8
44.0
44.4
33.2
20.2
40.4
750
H1
NOT CURRENTLY AVAILABLE IN TAPE AND REEL
6-12 OPTION
SDA08 SHOWN
2-5 OPTION
SDA04 SHOWN
DIRECTION OF FEED
DIRECTION OF FEED
REEL LAYOUT
SCALE 1:4:1
SEE DETAIL A
SCALE 1:1:1
A
DETAIL
B-B
SECTION
B-B
SECTION
A-A
SECTION
A
A
BB
"H"
2.5
"W1"
"C"
1.75
TYP
1.5+0.1
0
2
4
8 TYP
0.4±0.05
"B"
MAX
3°
5.3
TYP
1.5+0.1
0
MAX
3°
11
SDA01H1SBDR OPTION SHOWN
DIRECTION OF FEED
A-A
SECTION
B-B
SECTION
Tape & Reel Packaging – Surface Mount Options only
12345678
DIM 'A'
.100
(2,54)
.031
(0,79)
.024 TYP.
(0,61)
.240 TYP.
(6,10)
.059 MIN.
(1,50)
.051
(1,30)
.366
(9,30)
.100 TYP.
(2,54)
.409 MIN.
(10,4)
.051
(1,30)
.295
(7,49)
.039
(1,0)
.175
(4,45)
TRAVEL
.138
(3,5)
Extended Actuator – No Top Tape, Surface Mount Terminals
SDA08H1SBD
ROHS
NO.
QUANTITY
PART NUMBER
POS.
DIM. ‘A’
PER TUBE
SDA01H1SBD
1
.178 (4,52)
100
SDA02H1SBD
2
.278 (7,06)
60
SDA03H1SBD
3
.378 (9,60)
45
SDA04H1SBD
4
.476 (12,10)
35
SDA05H1SBD
5
.578 (14,68)
30
SDA06H1SBD
6
.676 (17,18)
25
SDA07H1SBD
7
.778 (19,76)
20
SDA08H1SBD
8
.876 (22,26)
20
SDA09H1SBD
9
.978 (24,84)
15
SDA10H1SBD
10
1.076 (27,34)
15
SDA12H1SBD
12
1.279 (32,50)
14
Schematic
SPST
NOTE: SDA 01 options are 4,25mm thick
28 may 18



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com