Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HX2000 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # HX2000
Description  RICMOS??SOI GATE ARRAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HX2000 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  HX2000 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HX2000 Datasheet HTML 2Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
HX2000/HX2000r
Helping You Control Your World
Honeywell reserves the right to make changes to any products or technology herein to improve reliability, function or design. Honeywell does not assume any liability
arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
900144 Rev.A
2/97
high impedance off-state buffer feature allows users to
power down portions of their system for power savings or for
cold sparing.
Logic designers need not have prior experience in radiation
hardening. Honeywell’s VDS™ Toolkit and RICMOS IV SOI
libraries provide the necessary guidance to achieve first
pass design success. The VDS Toolkit supports industry
standard platforms including those offered by Mentor
Graphics and Synopsys.
Honeywell can perform design translations to the HX2000
arrays from other CAD platforms. Our synthesis capabilities
allow customers to use familiar CAD tools and libraries to
map existing designs to Honeywell library components.
The HX2000 family of gate arrays is the right choice for your
high reliability applications demanding high density and
radiation performance. To learn more about Honeywell’s
variety of space components, call us at 612-954-2888.
To learn more about Honeywell Solid State Electronics Center, visit our web site at
http://www.ssec.honeywell.com
(1) Projected
* Planned Array
(2) Design and package dependent.
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
0
0
0
2
X
H*
0
4
0
2
X
H0
8
0
2
X
H0
6
1
2
X
H0
0
3
2
X
H0
0
4
2
X
H
t
n
u
o
C
e
t
a
G
e
r
o
C
l
a
t
o
TK
0
4K
5
8K
0
6
1K
5
9
2K
0
9
3
e
t
a
G
e
l
b
a
s
Ul
a
t
e
M
r
e
y
a
L
-
3
t
n
u
o
C
)
1
(
l
a
t
e
M
r
e
y
a
L
-
4
K
7
2
K
6
3
K
3
5
K
1
7
K
1
9
K
2
3
1
K
6
5
1
K
6
2
2
K
0
0
2
K
0
9
2
O
/
I
e
i
D
m
u
m
i
x
a
M2
3
16
7
10
4
26
3
32
7
3
)
2
(
O
/
I
e
g
a
k
c
a
P
m
u
m
i
x
a
MD
B
T6
7
10
4
20
2
30
2
3
D
N
A
N
t
u
p
n
I
2
—
y
a
l
e
D
l
a
c
i
p
y
T
V
3
.
3
t
a
s
p
0
9
2
,
V
0
.
5
t
a
s
p
0
7
2
O
/
I
e
l
b
a
t
c
e
l
e
S
e
t
a
t
S
-
e
e
r
h
T
,
l
a
n
o
i
t
c
e
r
i
D
-
i
B
,
r
e
v
i
e
c
e
R
,
r
e
v
i
r
D
s
l
e
v
e
L
e
c
a
f
r
e
t
n
I
O
/
I
r
e
g
g
i
r
T
t
t
i
m
h
c
S
,
L
T
T
,
S
O
M
C
z
H
M
/
e
t
a
G
/
W
µ
,
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
l
a
c
i
p
y
TV
3
.
3
@
2
2
.
0
,
V
0
.
5
@
6
.
0
0
0
0
2
X
H
e
g
a
t
l
o
V
g
n
i
t
a
r
e
p
O
r
0
0
0
2
X
H
%
0
1
±
V
0
.
5
)
O
/
I
(
%
0
1
±
V
0
.
5
r
o
/
d
n
a
)
O
/
I
&
e
r
o
C
(
%
0
1
±
V
3
.
3
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
OC
°
5
2
1
o
t
C
°
5
5
-
y
g
o
l
o
n
h
c
e
T
s
s
e
c
o
r
PI
O
S
V
I
™
S
O
M
C
I
R
0
0
0
2
X
H
y
r
t
e
m
o
e
G
m
u
m
i
n
i
M
r
0
0
0
2
X
H
L
m
µ
5
6
.
0
f
f
e
)
V
5
(
n
w
a
r
D
m
µ
8
.
0
/
L
m
µ
5
5
.
0
f
f
e
)
V
3
.
3
(
n
w
a
r
D
m
µ
7
.
0
/



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com