Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HX2000 Datasheet (PDF) - Honeywell Solid State Electronics Center

HX2000 Datasheet PDF - Honeywell Solid State Electronics Center
Part # HX2000
Download  HX2000 Download
File Size   23.12 Kbytes
Page   2 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description RICMOS??SOI GATE ARRAYS

HX2000 Datasheet (PDF)

Go To PDF Page Download Datasheet
HX2000 Datasheet PDF - Honeywell Solid State Electronics Center

Part # HX2000
Download  HX2000 Click to download

File Size   23.12 Kbytes
Page   2 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description RICMOS??SOI GATE ARRAYS

HX2000 Datasheet (HTML) - Honeywell Solid State Electronics Center


HX2000 Product details

GENERAL DESCRIPTION
The HX2000 and HX2000r gate arrays are performance oriented sea-of-transistor arrays, fabricated on Honeywell’s RICMOS™ IV Silicon On Insulator (SOI) process. The HX2000 arrays are for 5V designs only. The HX2000r arrays support 5V and 3.3V operation. High density is achieved with the standard 3-layer metal or optional 4-layer metal process, providing up to 290,000 usable gates.

FEATURES
• Fabricated on Honeywell’s Radiation Hardened
    – 0.65 µmLeff RICMOS™ IV SOI Process, HX2000
    – 0.55 µmLeff RICMOS™ IV SOI Process, HX2000r
• Array Sizes from 40K to 390K Available Gates (Raw)
• HX2000 Supports 5V Core Operation
• HX2000r Supports 3.3V Core Operation
• HX2000r Supports Mixed Voltage I/O Buffers
• TTL (5V) or CMOS (5V/3.3V) Compatible I/O
• Configurable Multi-Port Gate Array SRAM
• Single or Dual Port Custom SRAM Drop-In Capability
• Supports Chip Level Power Down for Cold Sparing
• Supports System Speeds Beyond 100 MHz
• Total Dose Hardness ≥1x106 rad(SiO2)
• Dose Rate Upset Hardness:
    ≥1x1010 rad(Si)/sec, HX2000*
    ≥1x109 rad(Si)/sec, HX2000r*

    Option Available for:
    ≥1x1011 rad(Si)/sec, HX2000*
    ≥1x1010 rad(Si)/sec, HX2000r*
• Dose Rate Survivability ≥1x1012 rad(Si)/sec*
• Soft Error Rate
    ≤1x10-11 Errors/Bit/Day, HX2000
    ≤1x10-10 Errors/Bit/Day, HX2000r
• Neutron Fluence Hardness to 1x1014/cm2
• No Latchup




Similar Part No. - HX2000

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
HX200 SENSATA-HX200 Datasheet
1Mb / 5P
350 Amp 1500 Vdc Contactor
More results


Similar Description - HX2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
Field-Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
Field-Programmable Gate Arrays
December 2000
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
Field-Programmable Gate Arrays
logo
NEC
UPB6100 NEC-UPB6100 Datasheet
782Kb / 10P
BIPOLAR TTL GATE ARRAYS
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
NEC
COMS-6 NEC-COMS-6 Datasheet
750Kb / 15P
CMOS GATE ARRAYS
logo
List of Unclassifed Man...
ATT3000 ETC1-ATT3000 Datasheet
498Kb / 80P
Field-Programmable Gate Arrays
logo
Honeywell Solid State E...
HMX2000 HONEYWELL-HMX2000 Datasheet
161Kb / 2P
MIXED SIGNAL SOI GATE ARRAYS
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
Field Programmable Gate Arrays
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com