Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMS-6 Datasheet (PDF) - NEC

COMS-6 Datasheet PDF - NEC
Part # COMS-6
Download  COMS-6 Download
File Size   750.39 Kbytes
Page   15 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description CMOS GATE ARRAYS

COMS-6 Datasheet (PDF)

Go To PDF Page Download Datasheet
COMS-6 Datasheet PDF - NEC

Part # COMS-6
Download  COMS-6 Click to download

File Size   750.39 Kbytes
Page   15 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description CMOS GATE ARRAYS

COMS-6 Datasheet (HTML) - NEC




Similar Part No. - COMS-6

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
COM TGS-COM Datasheet
671Kb / 7P
SEVEN DARLINGTON ARRAYS
logo
Axiomtek Co., Ltd.
COM CABLE AXIOMTEK-COM CABLE Datasheet
623Kb / 3P
1.6" SBC with Intel Alder Lake-N® Processor, LPDDR5, eDP, M.2 Key E, 2 USB 3.2 (Type-C), and USB 3.2 (Vertical Type-C)
Jul. 08, 2025.
logo
SparkFun Electronics
COM-08033 SPARKFUN-COM-08033 Datasheet
220Kb / 2P
Button Pad 4x4 ??Breakout PCB
8????7
COM-08643 SPARKFUN-COM-08643 Datasheet
116Kb / 2P
Magnet Square ??0.25"||"8????7
COM-08644 SPARKFUN-COM-08644 Datasheet
119Kb / 2P
Magnet Square ??0.125"||"8????7
More results


Similar Description - COMS-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
Field-Programmable Gate Arrays
logo
NEC
CMOS-6 NEC-CMOS-6 Datasheet
741Kb / 15P
1.0-MICRON CMOS GATE ARRAYS
logo
fujitsu semiconductor
MB674205 FUJITSU-MB674205 Datasheet
904Kb / 18P
AV CMOS SEREIS GATE ARRAYS
logo
NEC
UPD65000 NEC-UPD65000 Datasheet
658Kb / 11P
3-MICROON CMOS GATE ARRAYS
logo
fujitsu semiconductor
MB60XXXX FUJITSU-MB60XXXX Datasheet
1Mb / 30P
UHB SERIES 1.5U CMOS GATE ARRAYS
logo
NEC
UPD65011 NEC-UPD65011 Datasheet
515Kb / 12P
UPD65000 (CMOS-3) SERIES 2-MICRON CMOS GATE ARRAYS
UPD65045 NEC-UPD65045 Datasheet
743Kb / 15P
CMOS-6/6A/6V/6X 1.0-MICRON CMOS GATE ARRAYS
UPB6100 NEC-UPB6100 Datasheet
782Kb / 10P
BIPOLAR TTL GATE ARRAYS
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
Honeywell Solid State E...
HX2000 HONEYWELL-HX2000 Datasheet
23Kb / 2P
RICMOS??SOI GATE ARRAYS
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com