Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F366 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74F366
Description  Buffers/drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F366 Datasheet(HTML) 5 Page - NXP Semiconductors

  74F366 Datasheet HTML 1Page - NXP Semiconductors 74F366 Datasheet HTML 2Page - NXP Semiconductors 74F366 Datasheet HTML 3Page - NXP Semiconductors 74F366 Datasheet HTML 4Page - NXP Semiconductors 74F366 Datasheet HTML 5Page - NXP Semiconductors 74F366 Datasheet HTML 6Page - NXP Semiconductors 74F366 Datasheet HTML 7Page - NXP Semiconductors 74F366 Datasheet HTML 8Page - NXP Semiconductors 74F366 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74F365, 74F366*
74F367, 74F368*
Buffers/drivers
1999 Jan 08
5
* Discontinued part. Please see the Discontinued Products List.
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limits set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the
operating free-air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage range
–0.5 to +7.0
V
VIN
Input voltage range
–0.5 to +7.0
V
IIN
Input current range
–30 to +5
mA
VOUT
Voltage applied to output in High output state range
–0.5 to 5.5
V
IOUT
Current applied to output in Low output state
128
mA
Tamb
Operating free-air temperature range
0 to +70
°C
TSTG
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
TYP
MAX
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
IOH
High-level output current
–15
mA
IOL
Low-level output current
64
mA
Tamb
Operating free-air temperature range
0
70
oC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com