Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F366 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F366
Description  Buffers/drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F366 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F366 Datasheet HTML 1Page - NXP Semiconductors 74F366 Datasheet HTML 2Page - NXP Semiconductors 74F366 Datasheet HTML 3Page - NXP Semiconductors 74F366 Datasheet HTML 4Page - NXP Semiconductors 74F366 Datasheet HTML 5Page - NXP Semiconductors 74F366 Datasheet HTML 6Page - NXP Semiconductors 74F366 Datasheet HTML 7Page - NXP Semiconductors 74F366 Datasheet HTML 8Page - NXP Semiconductors 74F366 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74F365, 74F366*
74F367, 74F368*
Buffers/drivers
74F365, 74F367 Hex Buffer/Driver (3-State)
74F366, 74F368 Hex Inverter Buffer/Driver (3-State)
2
1999 Jan 08
853–0042 20616
* Discontinued part. Please see the Discontinued Products List.
FEATURES
• High-impedance NPN base inputs for reduced loading
(20
µA in High and Low states)
• High-speed
• Bus oriented
• 3-State buffer outputs sink 64mA
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F365, 74F367
5.0ns
36mA
74F366, 74F368
5.0ns
33mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
V
5V
±10%
PKG DWG #
DESCRIPTION
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
16-pin plastic DIP
N74F365N, N74F367N
SOT38-4
16-pin plastic SO
N74F365D, N74F367D
SOT109-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F(U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
I0 - I5
Inputs
1.0/0.033
20
µA/20µA
OE0, OE1
Output enable inputs (active Low)
1.0/0.033
20
µA/20µA
Y0 - Y5, Y0 - Y5
Data Outputs
750/106.7
15mA/64mA
NOTE: One (1.0) FAST Unit Load (U.L.) is defined as: 20
µA in the High state and 0.6mA in the Low state.
PIN CONFIGURATION
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
OE1
I0
Y0
I1
Y1
I2
Y2
GND
I5
Y5
I4
Y4
I3
Y3
VCC
OE0
74F365
SF00899
LOGIC SYMBOL
10
6
4
VCC = Pin 16
GND = Pin 8
SF00900
5
3
1
OE0
15
2
14
12
OE1
Y0
Y1
I0
I1
I2
I3
I4
I5
Y2
Y3
Y4
Y5
9
7
13
11
74F365
LOGIC SYMBOL (IEEE/IEC)
SF00901
2
4
14
6
EN
10
12
1
15
3
5
13
7
9
11
&
74F365
PIN CONFIGURATION
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
OE1
I0
Y0
I1
Y1
I2
Y2
GND
I5
Y5
I4
Y4
I3
Y3
VCC
OE0
74F366
SF00902



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com