Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F374 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74F374
Description  Octal transparent latch 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F374 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74F374 Datasheet HTML 3Page - NXP Semiconductors 74F374 Datasheet HTML 4Page - NXP Semiconductors 74F374 Datasheet HTML 5Page - NXP Semiconductors 74F374 Datasheet HTML 6Page - NXP Semiconductors 74F374 Datasheet HTML 7Page - NXP Semiconductors 74F374 Datasheet HTML 8Page - NXP Semiconductors 74F374 Datasheet HTML 9Page - NXP Semiconductors 74F374 Datasheet HTML 10Page - NXP Semiconductors 74F374 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74F373/74F374
Latch/flip-flop
December 5, 1994
7
AC SETUP REQUIREMENTS
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CONDITION
CL = 50pF, RL = 500Ω
CL= 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
tsu (H)
tsu (L)
Setup time, high or low level
Dn to E
Waveform 4
0
1.0
0
1.0
ns
th (H)
th (L)
Hold time, high or low level
Dn to E
74F373
Waveform 4
3.0
3.0
3.0
3.0
ns
tw (H)
E Pulse width, high
Waveform 1
3.5
4.0
ns
tsu (H)
tsu (L)
Setup time, high or low level
Dn to CP
Waveform 5
2.0
2.0
2.0
2.0
ns
th (H)
th (L)
Hold time, high or low level
Dn to CP
74F374
Waveform 5
0
0
0
0
ns
tw (H)
tw (L)
CP Pulse width,
high or low
Waveform 5
3.5
4.0
3.5
4.0
ns
AC WAVEFORMS
For all waveforms, VM = 1.5V.
The shaded areas indicate when the input is permitted to change for
predictable output performance.
CP VM
VM
VM
tw(H)
1/fmax
VM
VM
tPHL
tw(L)
tPLH
Qn
SF00258
Waveform 1. Propagation delay for clock input to output,
clock pulse widths, and maximum clock frequency
tPHL
EVM
VM
VM
tw(H)
VM
VM
Qn
tPLH
SF00259
Waveform 2. Propagation delay for enable to output
and enable pulse width
Dn
VM
VM
VM
VM
tPHL
tPLH
Qn
SF00260
Waveform 3. Propagation delay for data to output
VM
VM
VM
VM
VM
VM
tsu(L)
th(L)
tsu(H)
th(H)
E
Dn
SF00261
Waveform 4. Data setup time and hold times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com