Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F374 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F374
Description  Octal transparent latch 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F374 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F374 Datasheet HTML 1Page - NXP Semiconductors 74F374 Datasheet HTML 2Page - NXP Semiconductors 74F374 Datasheet HTML 3Page - NXP Semiconductors 74F374 Datasheet HTML 4Page - NXP Semiconductors 74F374 Datasheet HTML 5Page - NXP Semiconductors 74F374 Datasheet HTML 6Page - NXP Semiconductors 74F374 Datasheet HTML 7Page - NXP Semiconductors 74F374 Datasheet HTML 8Page - NXP Semiconductors 74F374 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74F373/74F374
Latch/flip-flop
74F373 Octal transparent latch (3-State)
74F374 Octal D-type flip-flop (3-State)
2
December 5, 1994
853-0369 14383
FEATURES
• 8-bit transparent latch — 74F373
• 8-bit positive edge triggered register — 74F374
• 3-State outputs glitch free during power-up and power-down
• Common 3-State output register
• Independent register and 3-State buffer operation
• SSOP Type II Package
DESCRIPTION
The 74F373 is an octal transparent latch coupled to eight 3-State
output devices. The two sections of the device are controlled
independently by enable (E) and output enable (OE) control gates.
The data on the D inputs is transferred to the latch outputs when the
enable (E) input is high. The latch remains transparent to the data
input while E is high, and stores the data that is present one setup
time before the high-to-low enable transition.
The 3-State output buffers are designed to drive heavily loaded
3-State buses, MOS memories, or MOS microprocessors.
The active low output enable (OE) controls all eight 3-State buffers
independent of the latch operation. When OE is low, latched or
transparent data appears at the output.
When OE is high, the outputs are in high impedance “off” state,
which means they will neither drive nor load the bus.
The 74F374 is an 8-bit edge triggered register coupled to eight
3-State output buffers. The two sections of the device are controlled
independently by clock (CP) and output enable (OE) control gates.
The register is fully edge triggered. The state of the D input, one
setup time before the low-to-high clock transition is transferred to the
corresponding flip-flop’s Q output.
The 3-State output buffers are designed to drive heavily loaded
3-State buses, MOS memories, or MOS microprocessors.
The active low output enable (OE) controls all eight 3-State buffers
independent of the register operation. When OE is low, the data in
the register appears at the outputs. When OE is high, the outputs
are in high impedance “off” state, which means they will neither drive
nor load the bus.
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL SUPPLY
CURRENT
(TOTAL)
74F373
4.5ns
35mA
TYPE
TYPICAL fmax
TYPICAL SUPPLY
CURRENT
(TOTAL)
74F374
165MHz
55mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
PKG DWG #
VCC = 5V ±10%, Tamb = 0°C to +70°C
20-pin plastic DIP
N74F373N, N74F374N
SOT146-1
20-pin plastic SOL
N74F373D, N74F374D
SOT163-1
20-pin plastic SSOP type II
N74F373DB, N74374DB
SOT399-1
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
D0 - D7
Data inputs
1.0/1.0
20
µA/0.6mA
E (74F373)
Enable input (active high)
1.0/1.0
20
µA/0.6mA
OE
Output enable inputs (active low)
1.0/1.0
20
µA/0.6mA
CP (74F374)
Clock pulse input (active rising edge)
1.0/1.0
20
µA/0.6mA
Q0 - Q7
3-State outputs
150/40
3.0mA/24mA
NOTE: One (1.0) FAST unit load is defined as: 20
µA in the high state and 0.6mA in the low state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com