Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F378 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F378
Description  Hex D flip-flop with enable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F378 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F378 Datasheet HTML 1Page - NXP Semiconductors 74F378 Datasheet HTML 2Page - NXP Semiconductors 74F378 Datasheet HTML 3Page - NXP Semiconductors 74F378 Datasheet HTML 4Page - NXP Semiconductors 74F378 Datasheet HTML 5Page - NXP Semiconductors 74F378 Datasheet HTML 6Page - NXP Semiconductors 74F378 Datasheet HTML 7Page - NXP Semiconductors 74F378 Datasheet HTML 8Page - NXP Semiconductors 74F378 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74F378
Hex D flip-flop with enable
2
1989 Oct 05
853–0067 97804
FEATURES
• 6-bit high-speed parallel register
• Positive edge-triggered D-type inputs
• Fully buffered common Clock and Enable inputs
• Input clamp diodes limit high speed termination effects
• Fully TTL and CMOS compatible
DESCRIPTION
The 74F378 has six edge-triggered D-type flip-flops with individual
D inputs and Q outputs. The common buffered Clock (CP) input
loads all flip-flops simultaneously when the Enable (E) input is Low.
The register is fully edge-triggered. The state of each D input, one
setup time before the Low-to-High clock transition is transformed to
the corresponding flop-flop’s Q output. The E input must be stable
one setup time prior to the Low-to-High clock transition for
predictable operation.
PIN CONFIGURATION
16
15
14
13
12
11
10
7
6
5
4
3
2
1
9
8
VCC
E
Q0
D0
D1
Q1
D2
Q2
GND
Q5
D5
D4
Q4
D3
Q3
CP
SF00927
TYPE
TYPICAL fmax
TYPICAL SUPPLY
CURRENT (TOTAL)
74F378
100MHz
35mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL
RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
16–pin plastic DIP
N74F378N
SOT38-4
16–pin plastic SO
N74F378D
SOT109-1
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
D0 – D5
Data inputs
1.0/1.0
20
µA/0.6mA
CP
Clock pulse input (active rising edge)
1.0/1.0
20
µA/0.6mA
E
Enable input (active low)
1.0/1.0
20
µA/0.6mA
Q0 – Q5
Data outputs
50/33
1.0mA/20mA
NOTE:
One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com