Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F378 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74F378
Description  Hex D flip-flop with enable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F378 Datasheet(HTML) 3 Page - NXP Semiconductors

  74F378 Datasheet HTML 1Page - NXP Semiconductors 74F378 Datasheet HTML 2Page - NXP Semiconductors 74F378 Datasheet HTML 3Page - NXP Semiconductors 74F378 Datasheet HTML 4Page - NXP Semiconductors 74F378 Datasheet HTML 5Page - NXP Semiconductors 74F378 Datasheet HTML 6Page - NXP Semiconductors 74F378 Datasheet HTML 7Page - NXP Semiconductors 74F378 Datasheet HTML 8Page - NXP Semiconductors 74F378 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74F378
Hex D flip-flop with enable
1989 Oct 05
3
LOGIC SYMBOL
Q0 Q1 Q2 Q3 Q4 Q5
VCC = Pin 16
GND = Pin 8
D0 D1 D2 D3 D4 D5
34
6
11 13 14
CP
E
9
1
2
5
7
101215
SF00916
IEC/IEEE SYMBOL
G1
1C2
2D
SF00917
3
4
6
11
13
14
1
9
2
5
7
10
12
15
LOGIC DIAGRAM
DQ
Q0
VCC = Pin 16
GND = Pin 8
CP
D0
3
SF00918
2
DQ
Q1
CP
D1
4
5
DQ
Q2
CP
D2
6
7
DQ
Q3
CP
D3
11
10
DQ
Q4
CP
D4
13
12
DQ
Q5
CP
D5
14
15
E
CP
9
1
FUNCTION TABLE
INPUTS
OUTPUTS
OPERATING
E
CP
Dn
Qn
MODE
l
↑
h
H
Load “1”
l
↑
l
L
Load “0”
h
H
↑
X
X
X
no change
no change
Hold (do nothing)
H = High-voltage level
h
= High-voltage level one setup time
prior to the Low-to-High clock transition
L
= Low-voltage level
l
= Low-voltage level one setup time
prior to the Low-to-High clock transition
X = Don’t care
↑ = Low-to-High clock transition



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com