Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F385 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74F385
Description  Quad serial adder/subtractor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F385 Datasheet(HTML) 5 Page - NXP Semiconductors

  74F385 Datasheet HTML 1Page - NXP Semiconductors 74F385 Datasheet HTML 2Page - NXP Semiconductors 74F385 Datasheet HTML 3Page - NXP Semiconductors 74F385 Datasheet HTML 4Page - NXP Semiconductors 74F385 Datasheet HTML 5Page - NXP Semiconductors 74F385 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Philips Semiconductors
Product specification
74F385
Quad serial adder/subtractor
1989 Sep 20
5
AC ELECTRICAL CHARACTERISTICS
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CONDITION
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
fMAX
Maximum clock frequency
Waveform 1
105
140
90
MHz
tPLH
tPHL
Propagation delay,
Cn to Fn
Waveform 1
3.0
3.5
5.0
5.5
8.0
9.0
2.5
3.5
9.0
10.0
ns
tPLH
Propagation delay, MR to Fn
Waveform 2
4.0
6.5
9.5
4.0
10.5
ns
AC SETUP REQUIREMENTS
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CONDITION
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
ts (H)
ts (L)
Setup time, High or Low
An, Bn or Sn to CP
Waveform 3
12.0
12.0
12.0
12.0
ns
th (H)
th (L)
Hold time, High or Low
An, Bn or Sn to CP
Waveform 3
0
0
0
0
ns
ts (H)
ts (L)
CP Pulse width
High or Low
Waveform 2
6.0
6.0
6.0
6.0
ns
tw (L)
MR Pulse width
Low
Waveform 2
6.0
6.0
ns
tREC (L)
Recovery time
MR to CP
Waveform 2
8.5
9.5
ns
AC WAVEFORMS
For all waveforms, VM = 1.5V.
The shaded areas indicate when the input is permitted to change for predictable output performances.
CP
VM
VM
VM
tw(H)
1/fmax
VM
VM
tPLH
tw(L)
tPHL
Fn
SF00932
Waveform 1. Propagation Delay, Clock Input to Output,
Clock Pulse Width, and Maximum Clock Frequency
VM
VM
VM
VM
Fn
MR
tPHL
tREC
SF00933
CP
tW (L)
Waveform 2. Master Reset Pulse Width,
Master Reset to Output Delay and
Master Reset to Clock Recovery Time
VM
VM
VM
VM
VM
VM
ts(L)
th(L)
ts(H)
th(H)
An, Bn, Sn
CP
SF00934
Waveform 3. Data and Select Setup and Hold Times



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com