Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F385 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74F385
Description  Quad serial adder/subtractor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F385 Datasheet(HTML) 1 Page - NXP Semiconductors

  74F385 Datasheet HTML 1Page - NXP Semiconductors 74F385 Datasheet HTML 2Page - NXP Semiconductors 74F385 Datasheet HTML 3Page - NXP Semiconductors 74F385 Datasheet HTML 4Page - NXP Semiconductors 74F385 Datasheet HTML 5Page - NXP Semiconductors 74F385 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
74F385
Quad serial adder/subtractor
1
1989 Sep 20
853–0868 97678
FEATURES
• Four independent adders/subtractors
• Two’s complement arithmetic
• Synchronous operation
• Common Clear and Clock
• 74F385 is designed for use with serial multipliers in implementing
digital filters and butterfly networks in fast Fourier transforms
DESCRIPTION
The 74F385 contains four independent adder/subtractor elements
with common Clock and Master Reset. Each adder/subtractor
contains a sum flop-flop and a carry flip-flop for synchronous
operations. Flip-flop state changes occur on the rising edge of the
Clock Pulse (CP) input signal. The Select (S) input should be Low
for the Add (A plus B) mode and High for the Subtract (A minus B)
mode. A Low signal on the asynchronous Master Reset (MR) input
clears the sum flip-flop and resets the Carry flip-flop to zero in the
Add mode or presets it to one in the Subtract mode.
PIN CONFIGURATION
20
19
18
17
16
15
14
7
6
5
4
3
2
1
13
8
VCC
CP
F0
S0
B0
A0
A1
B1
S1
F1
GND
F3
S3
B3
A3
A2
B2
S2
F2
MR
SF00928
12
9
11
10
TYPE
TYPICAL fMAX
TYPICAL SUPPLY
CURRENT (TOTAL)
74F385
140 MHz
55mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%, Tamb = 0°C to +70°C
20-pin plastic DIP
N74F385N
20-pin plastic SO
N74F385D
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
A0 – A3
A operand inputs
1.0/1.0
20
µA/0.6mA
B0 – B3
B operand inputs
1.0/1.0
20
µA/0.6mA
S0 – S3
Function select inputs
1.0/1.0
20
µA/0.6mA
CP
Clock pulse input (active rising edge)
1.0/1.0
20
µA/0.6mA
MR
Asynchronous Master Reset input (active Low)
1.0/1.0
20
µA/0.6mA
F0–F3
Sum or difference outputs
50/33
1.0mA/20mA
NOTE:
One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.


Similar Part No. - 74F385

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F38 NSC-74F38 Datasheet
143Kb / 8P
Quad Two-Input NAND Buffer (Open Collector)
logo
NXP Semiconductors
74F38 PHILIPS-74F38 Datasheet
70Kb / 8P
Quad 2-input NAND buffer open collector
1990 Oct 04
logo
Fairchild Semiconductor
74F38 FAIRCHILD-74F38 Datasheet
58Kb / 5P
Quad Two-Input NAND Buffer (Open Collector)
74F38 FAIRCHILD-74F38 Datasheet
66Kb / 5P
Quad Two-Input NAND Buffer (Open Collector)
logo
Texas Instruments
74F38 TI-74F38 Datasheet
393Kb / 10P
54F38 74F38 Quad Two-Input NAND Buffer (Open Collector)
More results

Similar Description - 74F385

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4560B STMICROELECTRONICS-HCC4560B Datasheet
201Kb / 6P
NBCD ADDER
Sep-1990
logo
Fairchild Semiconductor
74F583 FAIRCHILD-74F583 Datasheet
52Kb / 5P
4-Bit BCD Adder
logo
ON Semiconductor
MC10H180 ONSEMI-MC10H180 Datasheet
112Kb / 4P
Dual 2 Bit Adder/Subtractor
March, 2000 ??Rev. 6
logo
NXP Semiconductors
10180 PHILIPS-10180 Datasheet
225Kb / 5P
Dual 2-Bit Adder/Subtractor
June 14 1990
logo
ON Semiconductor
MC10H180 ONSEMI-MC10H180_06 Datasheet
142Kb / 5P
Dual 2?묪it Adder/Subtractor
February, 2006 ??Rev. 7
logo
Fuji Electric
EDS9-2I FUJI-EDS9-2I Datasheet
207Kb / 3P
FC SERIES ADDER
logo
Motorola, Inc
MC14560B MOTOROLA-MC14560B Datasheet
310Kb / 13P
NBCD Adder
logo
Intel Corporation
CF52012 INTEL-CF52012 Datasheet
531Kb / 48P
Quad-Serial Configuration
logo
G.M. International
D1052 GMI-D1052 Datasheet
446Kb / 4P
Analog Signal Converter, Duplicator, Adder/Subtractor DIN-Rail D1052S, D1052D, D1052X, D1052Y
D1072 GMI-D1072 Datasheet
642Kb / 6P
SIL 2 Temperature Signal Converter, Duplicator, Adder/Subtractor DIN-Rail Models D1072S, D1072D
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com