Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THN5602F Datasheet(PDF) 2 Page - Tachyonics CO,. LTD

Part # THN5602F
Description  NPN SiGe RF POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD

THN5602F Datasheet(HTML) 2 Page - Tachyonics CO,. LTD

  THN5602F Datasheet HTML 1Page - Tachyonics CO,. LTD THN5602F Datasheet HTML 2Page - Tachyonics CO,. LTD THN5602F Datasheet HTML 3Page - Tachyonics CO,. LTD THN5602F Datasheet HTML 4Page - Tachyonics CO,. LTD THN5602F Datasheet HTML 5Page - Tachyonics CO,. LTD THN5602F Datasheet HTML 6Page - Tachyonics CO,. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THN5602F
□ THERMAL CHARACTERISTICS
Rth j-s
PT=1W; Ts=60℃;note1
* Note 1. Ts is temperature at the soldering point of the collector pin.
□ QUICK REFERENCE DATA
RF performance at Ts ≤ 60 ℃ in common emitter test circuit (see Fig 6.)
≥ 60
CW, class-AB
465
UNIT
thermal resistance from junction
to soldering point
K/W
ηC [%]
GP [dB]
PL [mW]
VCE [V]
f [MHz]
Mode of Operation
SYMBOL
VALUE
4.8
630
≥
10
PARAMETER
CONDITION
55
www.tachyonics.co.kr
-2/6-
Sep-2003
Rev 1.1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com