Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THN5602F Datasheet(PDF) 3 Page - Tachyonics CO,. LTD

Part # THN5602F
Description  NPN SiGe RF POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD

THN5602F Datasheet(HTML) 3 Page - Tachyonics CO,. LTD

  THN5602F Datasheet HTML 1Page - Tachyonics CO,. LTD THN5602F Datasheet HTML 2Page - Tachyonics CO,. LTD THN5602F Datasheet HTML 3Page - Tachyonics CO,. LTD THN5602F Datasheet HTML 4Page - Tachyonics CO,. LTD THN5602F Datasheet HTML 5Page - Tachyonics CO,. LTD THN5602F Datasheet HTML 6Page - Tachyonics CO,. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
THN5602F
□ DC CHARACTERISTICS
Tj=25 ℃ unless otherwise specified
BVCBO
collector-base breakdown voltage
open emitte
BVCEO
collector-emitter breakdown voltage
open base
BVEBO
emitter-base breakdown voltage
open collector
IS
collector leakage current
hFE
DC current gain
Cc
collector capacitance
Fig 1. DC Current gain v.s collector current
Fig 2. Collector-base capacitance v.s collector-
base voltage(DC)
4.5
pF
200
V
0.1
mA
V
8V
SYMBOL
PARAMETER
CONDITION
MIN.
MAX.
UNIT
20
3
60
0
20
40
60
80
100
120
140
160
0.00
0.10
0.20
0.30
0.40
0.50
Ic(A)
Hfe
2
3
4
5
6
024
68
10
VCE = 4.8V ; Tj =25℃
f=900MHz; VCE=4.8V; ICQ=5mA; Ts < 60℃
Cc
[pF]
VCB [V]
www.tachyonics.co.kr
-3/6-
Sep-2003
Rev 1.1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com