Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP181.. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSOP181..
Description  IR Receiver Modules for Remote Control Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP181.. Datasheet(HTML) 2 Page - Vishay Siliconix

  TSOP181.. Datasheet HTML 1Page - Vishay Siliconix TSOP181.. Datasheet HTML 2Page - Vishay Siliconix TSOP181.. Datasheet HTML 3Page - Vishay Siliconix TSOP181.. Datasheet HTML 4Page - Vishay Siliconix TSOP181.. Datasheet HTML 5Page - Vishay Siliconix TSOP181.. Datasheet HTML 6Page - Vishay Siliconix TSOP181.. Datasheet HTML 7Page - Vishay Siliconix TSOP181.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TSOP181.., TSOP183.., TSOP185..
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 13-Apr-2022
2
Document Number: 82802
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• 30 kHz and 33 kHz only available on written request
Note
• Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect the device reliability
PARTS TABLE
AGC
BASIC NOISE SUPPRESSION
(AGC1)
ENHANCED NOISE
SUPPRESSION (AGC3)
MAXIMIZED NOISE
SUPPRESSION (AGC5)
Carrier
frequency
30 kHz
TSOP18130
TSOP18330
TSOP18530
33 kHz
TSOP18133
TSOP18333
TSOP18533
36 kHz
TSOP18136
TSOP18336 (1)
TSOP18536
38 kHz
TSOP18138
TSOP18338 (2)(4)
TSOP18538
40 kHz
TSOP18140
TSOP18340
TSOP18540
56 kHz
TSOP18156
TSOP18356 (3)
TSOP18556
Package
Minicast
Pinning
1 = OUT, 2 = GND, 3 = VS
Dimensions (mm)
5.0 W x 6.95 H x 4.8 D
Mounting
Leaded
Application
Remote control
Best choice for
(1) RCMM (2) RECS-80 Code (3) r-map (4) XMP-1, XMP-2
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Supply voltage
VS
-0.3 to +6
V
Supply current
IS
3mA
Output voltage
VO
-0.3 to (VS + 0.3)
V
Output current
IO
5mA
Junction temperature
Tj
100
°C
Storage temperature range
Tstg
-25 to +85
°C
Operating temperature range
Tamb
-25 to +85
°C
Power consumption
Tamb
≤ 85 °C
Ptot
10
mW
Soldering temperature
t
≤ 10 s, 1 mm from case
Tsd
260
°C
ELECTRICAL AND OPTICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply current
Ev = 0, VS = 3.3 V
ISD
0.55
0.7
0.9
mA
Ev = 40 klx, sunlight
ISH
-0.8
-
mA
Supply voltage
VS
2.5
-
5.5
V
Transmission distance
Ev = 0, test signal see Fig. 1,
IR diode TSAL6200, IF = 50 mA
d-
24
-
m
Output voltage low
IOSL = 0.5 mA, Ee = 0.7 mW/m2,
test signal see Fig. 1
VOSL
-
-
100
mV
Minimum irradiance
Pulse width tolerance:
tpi - 3.0/f0 < tpo < tpi + 3.5/f0, test
signal see Fig. 1
Ee min.
-
0.12
0.25
mW/m2
Maximum irradiance
tpi - 3.0/f0 < tpo < tpi + 3.5/f0, test
signal see Fig. 1
Ee max.
30
-
-
W/m2
Maximum long burst irradiance
(AGC3, AGC5)
tpi - 3.0/fo < tpo < tpi + 3.5/fo, test
signal see Fig. 1, dark ambient,
burst length > 30 cycles
Ee max.
0.5
-
-
W/m2
Directivity
Angle of half transmission
distance
ϕ1/2
-± 45
-
°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com