Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP181.. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP181..
Description  IR Receiver Modules for Remote Control Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP181.. Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP181.. Datasheet HTML 1Page - Vishay Siliconix TSOP181.. Datasheet HTML 2Page - Vishay Siliconix TSOP181.. Datasheet HTML 3Page - Vishay Siliconix TSOP181.. Datasheet HTML 4Page - Vishay Siliconix TSOP181.. Datasheet HTML 5Page - Vishay Siliconix TSOP181.. Datasheet HTML 6Page - Vishay Siliconix TSOP181.. Datasheet HTML 7Page - Vishay Siliconix TSOP181.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TSOP181.., TSOP183.., TSOP185..
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 13-Apr-2022
1
Document Number: 82802
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Receiver Modules for Remote Control Systems
LINKS TO ADDITIONAL RESOURCES
DESCRIPTION
The TSOP18... series devices are the latest generation
miniaturized IR receiver modules for infrared remote control
systems. This series provides improvements in sensitivity to
remote control signals in dark ambient as well as in
sensitivity in the presence of optical disturbances e.g. from
CFLs. The robustness against spurious pulses originating
from Wi-Fi signals has been enhanced.
The devices contain a PIN diode and a preamplifier
assembled on a lead frame. The epoxy package contains an
IR filter. The demodulated output signal can be directly
connected to a microprocessor for decoding.
The TSOP181.., TSOP183.., and TSOP185.. series devices
are designed to receive short burst codes (6 or more carrier
cycles per burst). The third digit designates the AGC level
(AGC1, AGC3, or AGC5) and the last two digits designate
the band-pass frequency (see table below). The higher the
AGC, the better noise is suppressed, but the lower the code
compatibility. AGC1 provides basic noise suppression,
AGC3 provides enhanced noise suppression and AGC5
provides maximized noise suppression. Generally, we
advise to select the highest AGC that satisfactorily receives
the desired remote code.
These components have not been qualified to automotive
specifications.
FEATURES
• Improved dark sensitivity
• Improved immunity against optical noise
• Improved immunity against Wi-Fi noise
• Low supply current
• Photo detector and preamplifier in one package
• Internal filter for PCM frequency
• Supply voltage: 2.5 V to 5.5 V
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
MECHANICAL DATA
1 = OUT, 2 = GND, 3 = VS
ORDERING CODE
TSOP18... - 1500 pieces in bags
BLOCK DIAGRAM
APPLICATION CIRCUIT
19026
1
2
3
2
3
Product Page
333
DDD3 D
3D Models
Calculators
Marking
Packages
Holders
Bends and Cuts
30 k
Ω
2
3
1
Demo-
pass
AGC
Input
PIN
Band
dulator
Control circuit
16833-13
C1
IR receiver
GND
μC
R1
+ VS
GND
Transmitter
with
TSALxxxx
VS
VO
17170-11
OUT
R
1 and C1 recommended to reduce supply ripple for VS < 2.8 V


Similar Part No. - TSOP181..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP182 VISHAY-TSOP182 Datasheet
285Kb / 8P
IR Receiver Modules for Remote Control Systems
13-Apr-2022
TSOP182.. VISHAY-TSOP182.. Datasheet
285Kb / 8P
IR Receiver Modules for Remote Control Systems
13-Apr-2022
TSOP18230 VISHAY-TSOP18230 Datasheet
285Kb / 8P
IR Receiver Modules for Remote Control Systems
13-Apr-2022
TSOP18233 VISHAY-TSOP18233 Datasheet
285Kb / 8P
IR Receiver Modules for Remote Control Systems
13-Apr-2022
TSOP18236 VISHAY-TSOP18236 Datasheet
285Kb / 8P
IR Receiver Modules for Remote Control Systems
13-Apr-2022
More results

Similar Description - TSOP181..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP4830ON1 VISHAY-TSOP4830ON1 Datasheet
405Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
IR Receiver Modules for Remote Control Systems
31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
IR Receiver Modules for Remote Control Systems
26-Sep-08
TSOP31230 VISHAY-TSOP31230 Datasheet
160Kb / 8P
IR Receiver Modules for Remote Control Systems
19-Aug-08
TSOP6130 VISHAY-TSOP6130 Datasheet
414Kb / 13P
IR Receiver Modules for Remote Control Systems
10-Jun-08
TSOP372 VISHAY-TSOP372 Datasheet
257Kb / 11P
IR Receiver Modules for Remote Control Systems
11-Nov-15
TSOP572 VISHAY-TSOP572 Datasheet
259Kb / 11P
IR Receiver Modules for Remote Control Systems
10-Nov-15
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
IR Receiver Modules for Remote Control Systems
22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
IR Receiver Modules for Remote Control Systems
13-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com