Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC4 Datasheet(PDF) 21 Page - C&K Components

Part # KSC4
Description  Sealed Tact Switch for SMT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC4 Datasheet(HTML) 21 Page - C&K Components

Back Button KSC4 Datasheet HTML 14Page - C&K Components KSC4 Datasheet HTML 15Page - C&K Components KSC4 Datasheet HTML 16Page - C&K Components KSC4 Datasheet HTML 17Page - C&K Components KSC4 Datasheet HTML 18Page - C&K Components KSC4 Datasheet HTML 19Page - C&K Components KSC4 Datasheet HTML 20Page - C&K Components KSC4 Datasheet HTML 21Page - C&K Components KSC4 Datasheet HTML 22Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
B–95
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
B
26 May 22
KSC11 Series
Sealed Tact Switch for SMT
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
For any part number different from those listed above, please consult your local representative.
Features/Benefits
• Hard actuator
• Long life
• Positive tactile feeling
• IP67 sealed
• SMT
Specification
FUNCTION: Normally open
CONTACT TYPE: SPST NO
TERMINALS: J bend for SMT
CONTACT MATERIAL: Silver plated
Environmental
OPERATING TEMPERATURE: -40˚C to 85˚C
Mechanical
Electrical
MAXIMUM POWER: 1 VA
MIN. / MAX. VOLTAGE: 0.02V / 32V
MIN. / MAX. CURRENT: 1 mA / 50 mA
DIELECTRIC STRENGTH: 250 Vrms
CONTACT RESISTANCE: ≤ 100 mΩ
INSULATION RESISTANCE: (100V): 1000 MΩ
BOUNCE TIME: ≤ 5 ms
Soldering
This component is suited to the following methods:
– Cleaning according to typical washing processes
– Lead free reflow soldering process in accordance with IEC 61760-1
Packaging
In reels of 1,700 pieces
Width of carrier tape: 16 mm
Dimensions of reels: 380 mm
Typical Applications
• Gaming/ Drones
• Industrial
• Medical
• High-end consumer
• Avionics
LFS Lead free compatible, silver plated
Operating Force
01 1.6 N
31 3.2 N
51 5.0 N
K
S
C
1
L
F
S
Type
Force
(N)
Life
Travel
(mm)
KSC1101J LFS
1.60 ±0.4
3,000,000
0.20 ±0.1
KSC1131J LFS
3.20 ±0.6
2,000,000
0.25 ±0.15
KSC1151J LFS
5.00 ±1.0
1,000,000
0.40 ±0.15
Termination
J J bend
J
NEW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com