Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC4 Datasheet(PDF) 7 Page - C&K Components

Part # KSC4
Description  Sealed Tact Switch for SMT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC4 Datasheet(HTML) 7 Page - C&K Components

Back Button KSC4 Datasheet HTML 3Page - C&K Components KSC4 Datasheet HTML 4Page - C&K Components KSC4 Datasheet HTML 5Page - C&K Components KSC4 Datasheet HTML 6Page - C&K Components KSC4 Datasheet HTML 7Page - C&K Components KSC4 Datasheet HTML 8Page - C&K Components KSC4 Datasheet HTML 9Page - C&K Components KSC4 Datasheet HTML 10Page - C&K Components KSC4 Datasheet HTML 11Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
B–81
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
B
KSC2 Series
Sealed Tact Switch for SMT
B
16 Mar 22
+0,3
6,2 0
ø 3
LFS Lead free compatible, silver plated
LFG Lead free compatible, gold plated
Contact Material
1 Silver
2 Silver long life
3 Gold
4 Gold long life
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
However, please note that all the combinations of these options are not feasible.
For any part number different from those listed above, please consult your local representative.
K S C 2
Operating Force
0 1.6 N (160 grams)
2 2 N (200 grams)
4 3.5 N (350 grams)
5 5.5 N (550 grams)
See mechanical chart above
to confirm specifications
Termination
J J bend
G Gullwing
Tactile Ratio
NONE Standard version
SP DELTA
Special delta version
Operating
Operating
Type
force FA
life
Travel
(Newtons)
(operations)
(mm)
KSC201
1.6 ± 0.6
5,000,000
0.3 ± 0.2
KSC221
2 ± 0.5
500,000
0.35 + 0.25/- 0.15
KSC222
2 ± 0.5
1,000,000 0.35 + 0.25/- 0.15
KSC241
3.5 ± 0.9
300,000
0.5 ± 0.2
KSC251
5.55 ± 1.45
300,000
0.5 ± 0.2
KSC241 SP DELTA 3.55 ± 0.9
300,000
0.5 ± 0.2
KSC251 SP DELTA 6.2 ± 1.55
100,000
0.6 ± 0.2
KSC2 soft actuator 3,5 mm high
Packaging
Switches delivered on continuous tape & reels of 2,000 pieces
Dimensions according to EIA RS-481/ IEC 60286-3 standard
External diameter 330 ± 2 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com