Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSDH175 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # PSDH175
Description  Three Phase Half Controlled Bridges
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

PSDH175 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  PSDH175 Datasheet HTML 1Page - Inchange Semiconductor Company Limited PSDH175 Datasheet HTML 2Page - Inchange Semiconductor Company Limited PSDH175 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc website:
www.iscsemi.com
isc & iscsemi is registered trademark
2
PSDH175
Three Phase Half Controlled Bridges
SYMBOL
CONDITIONS
Max
UNIT
I2t
TVJ=45℃
VR=0
10ms,(50Hz),sine
11.2
A2S*103
8.3ms,(50Hz),sine
10.75
A2S*103
TVJ=TVJM
VR=0
10ms,(50Hz),sine
9.1
A2S*103
8.3ms,(50Hz),sine
8.83
A2S*103
PGM
PGAVM
TVJ=TVJM
TP=30us
IT=ITAVM
TP=500us
≤
10
≤
5
0.5
W
W
W
VRGM
10
V
TJ
-40~125
℃
Tstg
-40~125
℃
Viso
50/60Hz,R.M.S,t=1min,Iiso:1mA(max)
3000
V
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.46
℃
/W
ELECTRICAL CHARACTERISTICS
SYMBOL
CONDITIONS
MAX
UNIT
ID
IR
TVJ=TVJM,VR=VRRM,VD=VDRM,IT=200A,TVJ=25℃
5
mA
TV
IT=200A,TVJ=25℃
1.57
V
VGT
VD=6V,TVJ=25℃
1.5
V
IGT
VD=6V,TVJ=25℃
100
mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com