Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSDH175 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # PSDH175
Description  Three Phase Half Controlled Bridges
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

PSDH175 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  PSDH175 Datasheet HTML 1Page - Inchange Semiconductor Company Limited PSDH175 Datasheet HTML 2Page - Inchange Semiconductor Company Limited PSDH175 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
PSDH175
Three Phase Half Controlled Bridges
FEATURES
·
Package with screw terminals
·
Isolation voltage 3000 V~
·
Planar glasspassivated chips
·
Low forward voltage drop
·
UL registered.E 148688
APPLICATIONS
·
Heat and temperature control for
industrial furnaces and chemical
processes
·
Lighting control
·
Motor control
·
Power converter
PRELIMINARY DATA SHEET
VRSM
VDSM
VRRM
VDRM
CONDITIONS
500
400
PSDH 175 / 04
900
800
PSDH 175 / 08
1300
1200
PSDH 175 / 12
1500
1400
PSDH 175 / 14
1700
1600
PSDH 175 / 16
ABSOLUTE MAXIMUM RATINGS
SYMBOL
CONDITIONS
Max
UNIT
IdAV
TC=85℃,module
167
A
IFSM
ITSM
TVJ=45℃
VR=0
10ms,(50Hz),sine
1500
A
8.3ms,(50Hz),sine
1600
A
TVJ=TVJM
VR=0
10ms,(50Hz),sine
1350
A
8.3ms,(50Hz),sine
1450
A


Similar Part No. - PSDH175

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSDH175 POWERSEM-PSDH175 Datasheet
187Kb / 3P
Three Phase Half Controlled Bridges
More results

Similar Description - PSDH175

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSBH50 POWERSEM-PSBH50 Datasheet
182Kb / 3P
Single Phase Half Controlled Bridges
PSBZ50 POWERSEM-PSBZ50 Datasheet
182Kb / 3P
Single Phase Half Controlled Bridges
PSBZ75 POWERSEM-PSBZ75 Datasheet
203Kb / 3P
Single Phase Half Controlled Bridges
PSBZ125 POWERSEM-PSBZ125 Datasheet
209Kb / 3P
Single Phase Half Controlled Bridges
PSDH70 POWERSEM-PSDH70 Datasheet
171Kb / 3P
Three Phase Half Controlled Bridges
PSDH75 POWERSEM-PSDH75 Datasheet
185Kb / 3P
Three Phase Half Controlled Bridges
PSDH90 POWERSEM-PSDH90 Datasheet
203Kb / 3P
Three Phase Half Controlled Bridges
PSDH110 POWERSEM-PSDH110 Datasheet
183Kb / 3P
Three Phase Half Controlled Bridges
PSDH175 POWERSEM-PSDH175 Datasheet
187Kb / 3P
Three Phase Half Controlled Bridges
PSFH70 POWERSEM-PSFH70 Datasheet
171Kb / 3P
Three Phase Half Controlled Bridges with freewheeling diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com