Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSDP341 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSDP341
Description  IR Receiver Modules for Data Transmission
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDP341 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSDP341_V02 Datasheet HTML 1Page - Vishay Siliconix TSDP341_V02 Datasheet HTML 2Page - Vishay Siliconix TSDP341_V02 Datasheet HTML 3Page - Vishay Siliconix TSDP341_V02 Datasheet HTML 4Page - Vishay Siliconix TSDP341_V02 Datasheet HTML 5Page - Vishay Siliconix TSDP341_V02 Datasheet HTML 6Page - Vishay Siliconix TSDP341_V02 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TSDP341.., TSDP343..
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 02-Aug-2021
1
Document Number: 82667
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Receiver Modules for Data Transmission
LINKS TO ADDITIONAL RESOURCES
DESCRIPTION
These products are miniaturized receivers for low speed
infrared data transmission. A PIN diode and a preamplifier
are assembled on a lead frame, the epoxy package contains
an IR filter.
The demodulated output can be directly connected to a
UART or a microprocessor. The TSDP34138 may be used
for continuous reception of data according to RS-232 at
4800 bps in noise free environments. Higher data rate
RS-232 may require data monitoring of gain levels. Non
RS-232 codings may be used to achieve continuous
average data rates up to 7800 bps in noisy ambients.
This component has not been qualified according to
automotive specifications.
FEATURES
• Very low supply current
• Continuous data rates up to 7777 bps
• Range up to 32 m
• Photo detector and preamplifier in one package
• Internal filter tuned to 38.4 kHz for 4800 bps or
57.6 kHz for 9600 bps
• Shielding against EMI
• Supply voltage: 2.5 V to 5.5 V
• Immunity against ambient light
• Insensitive to supply voltage ripple and noise
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
MECHANICAL DATA
Pinning for TSDP341.., TSDP343..:
1 = OUT, 2 = GND, 3 = VS
ORDERING CODE
TSDP34... - 2160 pieces in tubes
BLOCK DIAGRAM
APPLICATION CIRCUIT
16672
1
2
3
2
3
Product Page
333
DDD3 D
3D Models
Calculators
Marking
Packages
Holders
Bends and Cuts
30 k
Ω
2
3
1
Demo-
pass
AGC
Input
PIN
Band
dulator
Control circuit
16833-13
C1
IR receiver
GND
μC
R1
+ VS
GND
Transmitter
with
TSALxxxx
VS
VO
17170-11
OUT
R
1 and C1 recommended to reduce supply ripple for VS < 2.8 V


Similar Part No. - TSDP341_V02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSDP34138 VISHAY-TSDP34138 Datasheet
202Kb / 7P
IR Receiver Modules for Data Transmission
02-Aug-2021
TSDP34156 VISHAY-TSDP34156 Datasheet
202Kb / 7P
IR Receiver Modules for Data Transmission
02-Aug-2021
More results

Similar Description - TSDP341_V02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
logo
ATMEL Corporation
U2538B ATMEL-U2538B Datasheet
173Kb / 9P
IR RECEIVER FOR DATA COMMUNICATION
logo
Vishay Siliconix
TSOP4830ON1 VISHAY-TSOP4830ON1 Datasheet
405Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
IR Receiver Modules for Remote Control Systems
31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
IR Receiver Modules for Remote Control Systems
26-Sep-08
TSOP31230 VISHAY-TSOP31230 Datasheet
160Kb / 8P
IR Receiver Modules for Remote Control Systems
19-Aug-08
TSOP6130 VISHAY-TSOP6130 Datasheet
414Kb / 13P
IR Receiver Modules for Remote Control Systems
10-Jun-08
logo
ATMEL Corporation
U2538B ATMEL-U2538B_05 Datasheet
201Kb / 9P
IR Receiver for Data Communication
logo
Vishay Siliconix
TSDP341 VISHAY-TSDP341 Datasheet
134Kb / 7P
IR Receiver Modules for Data Transmission
22-Aug-14
TSDP343 VISHAY-TSDP343_V01 Datasheet
202Kb / 7P
IR Receiver Modules for Data Transmission
02-Aug-2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com