Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSSP40.. Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TSSP40..
Description  IR Sensor Module For Reflective Sensor, Light Barrier, And Fast Proximity Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSSP40.. Datasheet(HTML) 5 Page - Vishay Siliconix

  TSSP40.. Datasheet HTML 1Page - Vishay Siliconix TSSP40.. Datasheet HTML 2Page - Vishay Siliconix TSSP40.. Datasheet HTML 3Page - Vishay Siliconix TSSP40.. Datasheet HTML 4Page - Vishay Siliconix TSSP40.. Datasheet HTML 5Page - Vishay Siliconix TSSP40.. Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TSSP40..
www.vishay.com
Vishay Semiconductors
Datasheet Values Refer to PCN-OPT-1224-2022
Rev. 2.3, 16-Aug-2022
5
Document Number: 82458
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
The typical application of these devices is a reflective or
beam break sensor with active low “detect” or “no detect”
information contained in its output. The TSSP4056 is also
suitable for fast (~ 5 ms) proximity sensor applications for
ranges between 10 cm and 2 m. Please see application note
“Vishay’s TSSP4056 Sensor for Fast Proximity Sensing”
(www.vishay.com/doc?82741).
Example for a sensor hardware:
There should be no common window in front of the emitter
and detector in order to avoid crosstalk via guided light
through the window.
PACKAGE DIMENSIONS in millimeters
IR emitter
IR detector
Separation to avoid
crosstalk by stray light inside
the housing
16003
Not indicated tolerances ± 0.2
Drawing-No.: 6.550-5169.11-4
Issue: 13; 17.12.08
specifications
according to DIN
technical drawings
3.9
0.5 max.
1.3
4.1
6
0.85 max.
0.89
OUT
V
S
GND
2.54 nom.
2.54 nom.
0.7 max.
5.6
Marking area
R 2.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com