Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSSP40.. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSSP40..
Description  IR Sensor Module For Reflective Sensor, Light Barrier, And Fast Proximity Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSSP40.. Datasheet(HTML) 1 Page - Vishay Siliconix

  TSSP40.. Datasheet HTML 1Page - Vishay Siliconix TSSP40.. Datasheet HTML 2Page - Vishay Siliconix TSSP40.. Datasheet HTML 3Page - Vishay Siliconix TSSP40.. Datasheet HTML 4Page - Vishay Siliconix TSSP40.. Datasheet HTML 5Page - Vishay Siliconix TSSP40.. Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSSP40..
www.vishay.com
Vishay Semiconductors
Datasheet Values Refer to PCN-OPT-1224-2022
Rev. 2.3, 16-Aug-2022
1
Document Number: 82458
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Sensor Module For Reflective Sensor, Light Barrier,
And Fast Proximity Applications
LINKS TO ADDITIONAL RESOURCES
DESCRIPTION
The TSSP40.. series are compact infrared detector modules
for presence and fast proximity sensing applications. They
provide an active low output in response to infrared bursts
at 940 nm. The frequency of the burst should correspond to
the carrier frequency shown in the parts table.
This component has not been qualified according to
automotive specifications.
FEATURES
• Presence sensor: up to 2 m distance,
find more info at: www.vishay.com/doc?49009
• Light barrier: up to 12 m distance, TSAL6200
with IF = 50 mA,
find more info at: www.vishay.com/doc?49650
• Fast proximity: up to 2 m range at 5 ms
response time,
find more info at: www.vishay.com/doc?82741
• Supply voltage: 2.0 V to 5.5 V
• Material
categorization:
for
definitions
of
compliance please see www.vishay.com/doc?99912
APPLICATIONS
• Reflective sensors for hand dryers, towel or soap
dispensers, water faucets, toilet flush
• Vending machine fall detection
• Security and pet gates
• Person or object vicinity switch
• Fast proximity sensors for toys, robotics, drones, and
other consumer and industrial uses
DESIGN SUPPORT TOOLS
• 3D models
• Window size calculator
BLOCK DIAGRAM
23196
23196
Product Page
Marking
Packages
Holders
Bends and Cuts
33 k
Ω
2
3
1
V
S
OUT
Demo-
GND
pass
AMP
Input
PIN
Band
dulator
16833_8


Similar Part No. - TSSP40..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSSP40..SS1XB VISHAY-TSSP40..SS1XB Datasheet
181Kb / 6P
IR Receiver Module for Light Barrier Systems
19-Aug-2022
More results

Similar Description - TSSP40..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSSP40 VISHAY-TSSP40 Datasheet
107Kb / 6P
IR Sensor Module for Reflective Sensor, Light Barrier, and Fast Proximity Applications
11-Dec-15
TSSP60 VISHAY-TSSP60 Datasheet
313Kb / 11P
IR Sensor Module for Reflective Sensor, Light Barrier,and Fast Proximity Applications
14-Sep-17
TSSP530DF1P VISHAY-TSSP530DF1P Datasheet
220Kb / 7P
IR Sensor Module For Reflective Sensor, Light Barrier, And Fast Proximity Applications
17-Jan-2023
TSSP530 VISHAY-TSSP530_V01 Datasheet
197Kb / 7P
IR Sensor Module For Reflective Sensor, Light Barrier, And Fast Proximity Applications
02-Feb-2023
TSSP60 VISHAY-TSSP60_V01 Datasheet
382Kb / 12P
IR Sensor Module for Reflective Sensor, Light Barrier, and Fast Proximity Applications
16-Aug-2022
TSSP770 VISHAY-TSSP770_V01 Datasheet
440Kb / 12P
IR Sensor Module for Reflective Sensor, Light Barrier, and Fast Proximity Applications
16-Aug-2022
TSSP930 VISHAY-TSSP930_V01 Datasheet
218Kb / 7P
IR Sensor Module for Reflective Sensor, Light Barrier, and Fast Proximity Applications
30-Jul-2021
TSSP950 VISHAY-TSSP950 Datasheet
373Kb / 11P
IR Sensor Module for Reflective Sensor, Light Barrier, and Fast Proximity Applications
22-Jul-2021
TSSP960 VISHAY-TSSP960_V01 Datasheet
333Kb / 11P
IR Sensor Module for Reflective Sensor, Light Barrier, and Fast Proximity Applications
22-Jul-2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com