Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSSP580.. Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TSSP580..
Description  IR Receiver Module for Light Barrier Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSSP580.. Datasheet(HTML) 4 Page - Vishay Siliconix

  TSSP580.. Datasheet HTML 1Page - Vishay Siliconix TSSP580.. Datasheet HTML 2Page - Vishay Siliconix TSSP580.. Datasheet HTML 3Page - Vishay Siliconix TSSP580.. Datasheet HTML 4Page - Vishay Siliconix TSSP580.. Datasheet HTML 5Page - Vishay Siliconix TSSP580.. Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TSSP580..
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 13-Apr-2022
4
Document Number: 82479
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Relative Spectral Sensitivity vs. Wavelength
Fig. 8 - Horizontal Directivity
Fig. 9 - Vertical Directivity
Fig. 10 - Sensitivity vs. Supply Voltage
The typical application of this device is a reflective or beam
break sensor with active low “detect” or “no detect”
information contained in its output. Applications requiring
up to 2 m beam break or 1 m reflective range benefit from
the lower gain of these sensors because they are less
sensitive to stray signal from the emitter, simplifying the
mechanical design.
Example for a sensor hardware:
There should be no common window in front of the emitter
and detector in order to avoid crosstalk via guided light
through the window.
10
100
1000
10000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
750
850
950
1050
1150
Axis Title
λ - Wavelength (nm)
21425
19258
0.4
0.2
0
0.6
0.9
0°
30°
10°
20°
40°
50°
60°
70°
80°
1.0
0.8
0.7
drel - Relative Transmission Distance
19259
0.4
0.2
0
0.6
0.9
0°
30°
10°
20°
40°
50°
60°
70°
80°
1.0
0.8
0.7
drel - Relative Transmission Distance
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2
3
4
5
V
S - Supply Voltage (V)
Emitter
TSAL6200
IR detector
Separation to avoid crosstalk
by stray light inside the housing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com