Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSSP580.. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSSP580..
Description  IR Receiver Module for Light Barrier Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSSP580.. Datasheet(HTML) 1 Page - Vishay Siliconix

  TSSP580.. Datasheet HTML 1Page - Vishay Siliconix TSSP580.. Datasheet HTML 2Page - Vishay Siliconix TSSP580.. Datasheet HTML 3Page - Vishay Siliconix TSSP580.. Datasheet HTML 4Page - Vishay Siliconix TSSP580.. Datasheet HTML 5Page - Vishay Siliconix TSSP580.. Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSSP580..
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 13-Apr-2022
1
Document Number: 82479
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Receiver Module for Light Barrier Systems
LINKS TO ADDITIONAL RESOURCES
DESCRIPTION
The TSSP580.. is a compact infrared detector module for
presence
sensing
applications.
It
receives
38
kHz
modulated signals and has a peak sensitivity of 940 nm.
This component has not been qualified according to
automotive specifications.
FEATURES
• Presence sensor: up to 2 m distance,
find more info at: www.vishay.com/doc?49009
• Light barrier: up to 12 m distance, TSAL6200
with IF = 50 mA,
find more info at: www.vishay.com/doc?49650
• Fast proximity: up to 2 m range at 5 ms
response time,
find more info at: www.vishay.com/doc?82741
• Supply voltage: 2.5 V to 5.5 V
• Material
categorization:
for
definitions
of
compliance please see www.vishay.com/doc?99912
MECHANICAL DATA
Pinning:
1 = OUT, 2 = GND, 3 = VS
ORDERING CODE
TSSP580.. - 1500 pieces in bags
APPLICATIONS
• Reflective sensors for hand dryers, towel or soap
dispensers, water faucets, toilet flush
• Vending machine fall detection
• Security and pet gates
• Person or object vicinity switch
• Fast proximity sensors for toys, robotics, drones, and
other consumer and industrial uses
BLOCK DIAGRAM
PRESENCE SENSING
19026
1
2
3
2
3
Product Page
333
DDD3 D
3D Models
Calculators
Marking
Packages
Holders
Bends and Cuts
33 k
Ω
2
3
1
V
S
OUT
Demo-
GND
pass
AMP
Input
PIN
Band
dulator
16833_8
+3 V
IR emitter
+3 V
38 kHz
Envelope
signal
Out to
μC


Similar Part No. - TSSP580..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSSP58038 VISHAY-TSSP58038 Datasheet
120Kb / 6P
IR Receiver Module for Light Barrier Systems
31-Aug-15
TSSP58038SS1XB VISHAY-TSSP58038SS1XB Datasheet
121Kb / 6P
IR Receiver Module for Light Barrier Systems
19-Jan-16
More results

Similar Description - TSSP580..

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHF5110 ETC-SHF5110 Datasheet
64Kb / 7P
IR-Receiver for Remote Control Systems
logo
Vishay Siliconix
TSOP4038 VISHAY-TSOP4038 Datasheet
105Kb / 5P
IR Receiver Module for Light Barrier Systems
28-Mar-12
TSSP4038 VISHAY-TSSP4038 Datasheet
105Kb / 5P
IR Receiver Module for Light Barrier Systems
13-Mar-12
TSOP58038 VISHAY-TSOP58038 Datasheet
355Kb / 11P
IR Receiver Module for Light Barrier Systems
13-Aug-09
TSOP5038TR VISHAY-TSOP5038TR Datasheet
355Kb / 11P
IR Receiver Module for Light Barrier Systems
13-Aug-09
TSSP58038 VISHAY-TSSP58038 Datasheet
120Kb / 6P
IR Receiver Module for Light Barrier Systems
31-Aug-15
TSSP58038SS1XB VISHAY-TSSP58038SS1XB Datasheet
121Kb / 6P
IR Receiver Module for Light Barrier Systems
19-Jan-16
TSSP40SS1XB VISHAY-TSSP40SS1XB Datasheet
115Kb / 5P
IR Receiver Module for Light Barrier Systems
19-Oct-16
TSSP40SS1XB VISHAY-TSSP40SS1XB_V01 Datasheet
181Kb / 6P
IR Receiver Module for Light Barrier Systems
19-Aug-2022
TSSP980 VISHAY-TSSP980 Datasheet
171Kb / 6P
IR Receiver Module for Light Barrier Systems
13-Apr-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com