Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD09P06PLG Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SPD09P06PLG
Description  SIPMOS Power-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD09P06PLG Datasheet(HTML) 7 Page - Infineon Technologies AG

  SPD09P06PLG Datasheet HTML 1Page - Infineon Technologies AG SPD09P06PLG Datasheet HTML 2Page - Infineon Technologies AG SPD09P06PLG Datasheet HTML 3Page - Infineon Technologies AG SPD09P06PLG Datasheet HTML 4Page - Infineon Technologies AG SPD09P06PLG Datasheet HTML 5Page - Infineon Technologies AG SPD09P06PLG Datasheet HTML 6Page - Infineon Technologies AG SPD09P06PLG Datasheet HTML 7Page - Infineon Technologies AG SPD09P06PLG Datasheet HTML 8Page - Infineon Technologies AG SPD09P06PLG Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
20
11-10-12
Rev 2.6
Page 7
SPD09P06PL
G
13 Typ. avalanche energy
EAS = f (Tj)
par.: ID = -9.7 A , VDD = -25 V, RGS = 25

25
45
65
85
105
125
145
°C
185
Tj
0
10
20
30
40
50
60
mJ
80
14 Typ. gate charge
VGS = f (QGate)
parameter: ID = -9.7 A pulsed
0
4
8
12
16
20
nC
28
QGate
0
-2
-4
-6
-8
-10
-12
V
-16
SPD09P06PL
0,8 VDS max
DS max
V
0,2
15 Drain-source breakdown voltage
V(BR)DSS = f (Tj)
-60
-20
20
60
100
140
°C
200
Tj
-54
-56
-58
-60
-62
-64
-66
-68
V
-72
SPD09P06PL



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com