Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD09P06PLG Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SPD09P06PLG
Description  SIPMOS Power-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD09P06PLG Datasheet(HTML) 1 Page - Infineon Technologies AG

  SPD09P06PLG Datasheet HTML 1Page - Infineon Technologies AG SPD09P06PLG Datasheet HTML 2Page - Infineon Technologies AG SPD09P06PLG Datasheet HTML 3Page - Infineon Technologies AG SPD09P06PLG Datasheet HTML 4Page - Infineon Technologies AG SPD09P06PLG Datasheet HTML 5Page - Infineon Technologies AG SPD09P06PLG Datasheet HTML 6Page - Infineon Technologies AG SPD09P06PLG Datasheet HTML 7Page - Infineon Technologies AG SPD09P06PLG Datasheet HTML 8Page - Infineon Technologies AG SPD09P06PLG Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
20
11-10-12
Rev 2.6
Page 1
SPD09P06PL
G
SIPMOS
====Power-Transistor
Product Summary
VDS
-60
V
RDS(on)
0.25

ID
-9.7
A
Feature
 P-Channel
 Enhancement mode
 Logic Level prueb
175°C operating temperature
 Avalanche rated
 dv/dt rated
P
G-TO252-3
Gate
pin1
Drain
pin 2
Source
pin 3
Type
Package
SPD09P06PL G
P
G-TO252-3
Maximum Ratings,at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Continuous drain current
TC=25°C
TC=100°C
ID
-9.7
-6.8
A
Pulsed drain current
TC=25°C
ID puls
-38.8
Avalanche energy, single pulse
ID=-9.7 A , VDD=-25V, RGS=25
EAS
70
mJ
Avalanche energy, periodic limited by Tjmax
EAR
4.2
Reverse diode dv/dt
IS=-9.7A, VDS=-48, di/dt=200A/µs, Tjmax=175°C
dv/dt
6
kV/µs
Gate source voltage
VGS
±20
V
Power dissipation
TC=25°C
Ptot
42
W
Operating and storage temperature
Tj , Tstg
-55... +175
°C
IEC climatic category; DIN IEC 68-1
55/175/56
Lead free
Yes
• P-channel
• Enhancement mode
• Logic Level
• 175°C operating temperature
• Avalanche rated
• dv/dt rated
• Pb-free lead plating; RoHS compliant
° Qualified according to AEC Q101


Similar Part No. - SPD09P06PLG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD09P06PLG INFINEON-SPD09P06PLG Datasheet
1Mb / 9P
SIPMOS Power-Transistor Feature N-Channel Enhancement mode
Rev 2.5 2008-07-29
SPD09P06PLG INFINEON-SPD09P06PLG Datasheet
581Kb / 9P
SIPMOS Power-Transistor
Rev 2.6 2011-10-12
logo
BYCHIP ELECTRONICS CO.,...
SPD09P06PLG BYCHIP-SPD09P06PLG Datasheet
950Kb / 4P
P-channel Enhancement Mode Power MOSFET
v1.0
More results

Similar Description - SPD09P06PLG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
SIPMOS Power Transistor
05.99
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
SIPMOS Power Transistor
05.99
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
SIPMOS Power-Transistor
2001-08-24
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
SIPMOS Power Transistor
06.99
BUZ32H INFINEON-BUZ32H Datasheet
408Kb / 10P
SIPMOS Power Transistor
Rev. 2.4 2009-11-10
SPP18P06PG INFINEON-SPP18P06PG_10 Datasheet
454Kb / 9P
SIPMOS Power-Transistor
Rev1.9 2010-04-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com