Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC780 Datasheet(PDF) 1 Page - API Delevan

Part # DC780
Description  High Current Power Line Chokes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

DC780 Datasheet(HTML) 1 Page - API Delevan

  DC780 Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2/ 2002
PAGE
91
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
0.620
0.620
0.620
0.620
0.620
0.620
0.620
0.620
0.620
0.620
0.620
0.620
0.620
0.620
0.625
0.630
0.630
0.546
0.546
0.594
0.625
0.625
0.656
0.656
0.593
0.593
0.593
0.593
0.593
0.562
0.590
0.590
0.590
0.590
0.590
0.590
0.590
0.590
0.590
0.590
0.590
0.051
0.051
0.051
0.051
0.051
0.051
0.051
0.051
0.051
0.051
0.051
0.051
0.051
0.051
0.045
0.045
0.045
0.040
0.036
0.036
0.036
0.036
0.036
0.036
0.036
0.036
0.032
0.032
0.029
0.025
0.025
0.025
0.025
0.023
0.023
0.023
0.020
0.018
0.018
0.018
0.018
11.4
11.4
11.4
11.4
11.4
11.4
11.4
11.4
11.4
11.4
11.4
11.4
11.4
11.4
9.0
7.2
7.2
5.5
5.5
5.5
5.5
5.5
4.8
4.8
4.0
4.0
4.0
4.0
2.8
2.0
1.6
1.6
1.6
1.6
1.6
1.3
1.0
0.8
0.8
0.8
0.8
110.0
108.0
89.0
81.0
73.0
66.0
60.0
55.0
50.0
46.0
42.0
38.0
34.5
31.5
28.2
25.7
23.3
21.0
19.0
17.5
15.9
14.6
13.2
12.1
10.9
10.0
8.9
8.1
7.4
6.6
6.0
5.5
5.0
4.6
4.2
3.8
3.5
3.2
2.8
2.6
2.3
0.003
0.003
0.003
0.003
0.004
0.005
0.005
0.005
0.005
0.006
0.007
0.007
0.009
0.009
0.013
0.018
0.019
0.026
0.029
0.030
0.035
0.039
0.053
0.060
0.080
0.090
0.098
0.110
0.150
0.213
0.305
0.320
0.355
0.388
0.430
0.590
0.818
1.140
1.260
1.390
1.540
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100
120
150
180
220
270
330
390
470
560
680
820
1,000
1,200
1,500
1,800
2,200
Series DC780
High Current Power Line Chokes
Physical Parameters
Inches
Millimeters
A
0.775 ± 0.025
19.6 ± 0.6
B (C/L to C/L) See Characteristics table
C
0.750 Min.
19.05 Min.
D
0.815 ± 0.015
20.7 ±.4
E (Ref. only)
0.195 Max.
4.95 Max.
F
Clearance Hole for 4/40 Screw
Leads Tinned to within 1/16" of Body
Inductance Measured @ 1 KHz with 0 Amps dc
Mechanical Configuration Ferrite Bobbin protected
with a flame retardant polyolefin sleeve; center hole
allows for mechanical mounting; insulated bobbins.
Operating Temperature
–55°C to +125°C;
–55°C to +80°C @ full rated current
Current Rating at 80°C Ambient 45°C Rise
Incremental Current Minimum current which
causes a 5% max. change in Inductance
Power Dissipation at 80°C 1.400 Watts Max.
Dielectric Withstanding Voltage 1000 V RMS Min.
Marking Parts printed with DELEVAN and API
Part Number
Packaging Bulk only
SERIES DC 780
DC780-102L
DC780-122L
DC780-152L
DC780-182L
DC780-222L
DC780-272L
DC780-332L
DC780-392L
DC780-472L
DC780-562L
DC780-682L
DC780-822L
DC780-103K
DC780-123K
DC780-153K
DC780-183K
DC780-223K
DC780-273K
DC780-333K
DC780-393K
DC780-473K
DC780-563K
DC780-683K
DC780-823K
DC780-104K
DC780-124K
DC780-154K
DC780-184K
DC780-224K
DC780-274K
DC780-334K
DC780-394K
DC780-474K
DC780-564K
DC780-684K
DC780-824K
DC780-105K
DC780-125K
DC780-155K
DC780-185K
DC780-225K


Similar Part No. - DC780

ManufacturerPart #DatasheetDescription
logo
API Delevan
DC780-102L API-DC780-102L Datasheet
1Mb / 1P
High Current Power Line Chokes
DC780-103K API-DC780-103K Datasheet
1Mb / 1P
High Current Power Line Chokes
DC780-104K API-DC780-104K Datasheet
1Mb / 1P
High Current Power Line Chokes
DC780-105K API-DC780-105K Datasheet
1Mb / 1P
High Current Power Line Chokes
DC780-122L API-DC780-122L Datasheet
1Mb / 1P
High Current Power Line Chokes
More results

Similar Description - DC780

ManufacturerPart #DatasheetDescription
logo
API Delevan
DC630 API-DC630 Datasheet
25Kb / 1P
High Current Power Line Chokes
DC1050-104K API-DC1050-104K Datasheet
259Kb / 1P
High Current Power Line Chokes
DC1390-153K API-DC1390-153K Datasheet
285Kb / 1P
High Current Power Line Chokes
DC630R API-DC630R Datasheet
1Mb / 1P
High Current Power Line Chokes
DC780R API-DC780R Datasheet
1Mb / 1P
High Current Power Line Chokes
DC1050R API-DC1050R_10 Datasheet
1Mb / 1P
High Current Power Line Chokes
DC1390R API-DC1390R_10 Datasheet
1Mb / 1P
High Current Power Line Chokes
logo
EPCOS
B82732F EPCOS-B82732F Datasheet
634Kb / 6P
Power line chokes Current-compensated frame core double chokes
B82733F EPCOS-B82733F_13 Datasheet
635Kb / 7P
Power line chokes Current-compensated frame core double chokes
logo
TDK Electronics
B82720A2102N040 TDK-B82720A2102N040 Datasheet
728Kb / 6P
Power line chokes Current-compensated ring core double chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com